Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IRS080-R11VF01

  • AI
    The **IRS080-R11VF01** is a specialized sensor component, typically identified as an **Infrared (IR) Image Sensor** or a **Time-of-Flight (ToF)** sensor module, often used in automotive and industrial proximity applications. Below is a breakdown of its technical characteristics and electronic architecture. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | CMOS Infrared Image Sensor / ToF | | **Resolution** | 80 x 60 pixels (typical for IRS080 series) | | **Wavelength** | Optimized for 850nm - 940nm (Near-Infrared) | | **Interface** | High-speed digital (MIPI CSI-2 or Parallel) | | **Package Type** | Optical BGA / Compact Module | | **Application** | Gesture control, 3D depth sensing, Occupancy detection | --- ### 2. Internal Electronic Architecture The IRS080-R11VF01 operates through several integrated subsystems: #### A. Pixel Array The core of the device is a **CMOS active-pixel sensor (APS)** array. In the "IRS" (Infrared Sensor) series, these pixels are designed to detect phase shifts in light rather than just intensity, allowing the device to calculate the distance to an object. #### B. Analog-to-Digital Converter (ADC) Each pixel or column is connected to an integrated **ADC**. This converts the analog charge generated by the photons into a digital value representing the depth or signal intensity. #### C. Control Logic and I/O The chip includes built-in logic for: * **Integration Time Control:** Managing how long the sensor is exposed to light. * **Clock Management:** Internal PLLs (Phase-Locked Loops) to synchronize with the IR emitter. * **Data Serialization:** Organizing pixel data for output via the digital interface. --- ### 3. System Integration Requirements To function as a complete system, the IRS080-R11VF01 requires external support components: 1. **IR Illumination Source:** Usually an external VCSEL (Vertical-Cavity Surface-Emitting Laser) or high-power IR LED that pulses in sync with the sensor. 2. **Optical Lens:** A lens assembly must be mounted above the sensor to focus the incoming IR light onto the pixel array. 3. **Power Supply:** Typically requires multiple voltage rails (e.g., 1.2V for core logic, 2.8V for analog circuitry). 4. **Processor/ISP:** An external Image Signal Processor (ISP) or Microcontroller to calculate the "Time-of-Flight" equations and produce a 3D depth map. --- ### 4. Common Use Cases * **Automotive:** Driver Monitoring Systems (DMS) to track eye movement or hand gestures. * **Security:** Biometric facial recognition and anti-spoofing. * **Robotics:** Collision avoidance and spatial mapping for small indoor robots.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the IRS080-R11VF01 package?
    • ⤷ Which microcontrollers are best suited for processing the data from this sensor?
    • ⤷ What is the maximum sensing range of the IRS080 series in outdoor environments?