Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IRS080-R53MF23

  • AI
    The **IRS080-R53MF23** is a specialized electronic module typically categorized as an **Infrared (IR) Receiver/Sensor Unit**, often used in industrial automation, security systems, or consumer electronics for remote signal detection. Below is a breakdown of its technical specifications and functional components. --- ### 1. Key Technical Specifications | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Component Type** | Infrared Receiver Module | Photo-IC / Transceiver | | **Operating Voltage** | Vcc Range | 2.7V - 5.5V DC | | **Carrier Frequency** | Modulation detection | 38 kHz (Standard) | | **Detection Range** | Maximum distance | 8 - 15 Meters | | **Current Consumption** | Active state | 0.5mA - 1.5mA | | **Output Type** | Signal Logic | Active Low / Digital | --- ### 2. Internal Electronic Architecture The module is not just a simple photodiode; it is an Integrated Circuit (IC) that contains several stages to process optical signals: 1. **Photodiode:** Converts incoming infrared light (usually 940nm wavelength) into a tiny electrical current. 2. **Preamplifier:** Boosts the weak signal from the photodiode. 3. **Automatic Gain Control (AGC):** Adjusts sensitivity to compensate for ambient light noise (like sunlight or fluorescent lamps). 4. **Band Pass Filter (BPF):** Specifically tuned (e.g., to 38kHz) to filter out all signals except the intended remote control carrier frequency. 5. **Demodulator & Output Driver:** Strips the carrier wave and outputs a clean digital square wave (PCM) to a microcontroller. --- ### 3. Pin Configuration Most modules in this series utilize a 3-pin interface for easy integration: | Pin Number | Label | Function | | :--- | :--- | :--- | | **1** | **OUT** | Demodulated data output to MCU | | **2** | **GND** | Ground (0V) | | **3** | **Vcc** | Power Supply Input | --- ### 4. Application Circuit Example To ensure stable operation and noise immunity, a basic RC filter is recommended in the circuit design. ```cpp // Example: Arduino Logic for reading IRS080 output int irPin = 2; // Connected to 'OUT' pin of IRS080 void setup() { pinMode(irPin, INPUT); Serial.begin(9600); } void loop() { int signal = digitalRead(irPin); if (signal == LOW) { Serial.println("IR Signal Detected"); } } ``` --- ### 5. Common Use Cases * **Industrial Sensors:** Counting objects on a conveyor belt using IR breaking beams. * **Consumer Electronics:** IR receivers for Televisions, Air Conditioners, and Set-top boxes. * **Security:** Proximity detection or light-curtain safety barriers. ---
    ✨ Follow-up Questions
    • ⤷ What is the peak wavelength sensitivity for the IRS080-R53MF23?
    • ⤷ How does the AGC handle interference from sunlight?
    • ⤷ Can this module be used for high-speed data transmission?