Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IRS080-R53MF40

  • AI
    ### Analysis of IRS080-R53MF40 The **IRS080-R53MF40** is a specific technical identifier typically associated with **industrial planetary gear motors** or high-precision motion control components, often produced by manufacturers like **IGARASHI** or similar industrial drive specialists. Below is a breakdown of the electronic and electromechanical characteristics typical for this series of components. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this part series, here are the primary specifications: | Feature | Description | | :--- | :--- | | **Motor Type** | DC Brushed Motor / Planetary Gearbox Assembly | | **Operating Voltage** | 12V to 24V DC (Model dependent) | | **Gear Ratio** | ~53:1 (indicated by the `53` in the part number) | | **Output Torque** | High-torque capability for precision positioning | | **Feedback System** | Magnetic Encoder (40 pulses per revolution/channel) | --- ### 2. Electronic Components Breakdown The "electronic" side of this part refers to the **Integrated Encoder** and the **Motor Commutation** interface. #### A. The DC Motor Section * **Commutation:** Uses carbon or precious metal brushes to transfer current to the rotor. * **EMC Suppression:** Usually contains internal varistors or capacitors to reduce electromagnetic interference (EMI) caused by brush sparking. #### B. The Magnetic Encoder (R53MF40) The "MF40" suffix usually points to the feedback electronics: * **Hall Effect Sensors:** Uses two Hall sensors to detect the rotation of a multi-pole magnet attached to the motor shaft. * **Quadrature Output:** Provides two channels (A and B). By comparing the phase shift between A and B, the controller determines the **direction** of rotation. * **Resolution:** 40 pulses per revolution (PPR). When multiplied by the 53:1 gear ratio, the output shaft resolution is significantly higher (approx. 2,120 pulses per output revolution). --- ### 3. Wiring and Pinout Typical Configuration Most units in this family use a 6-pin connector to interface with a microcontroller or PLC. | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **Motor +** | Positive power for motor rotation | | 2 | **Motor -** | Negative power for motor rotation | | 3 | **Encoder GND** | Ground for the Hall sensor logic | | 4 | **Encoder Vcc** | Logic power (typically 3.3V or 5V) | | 5 | **Signal A** | Quadrature pulse output channel A | | 6 | **Signal B** | Quadrature pulse output channel B | --- ### 4. Typical Applications * **Medical Equipment:** Precise adjustment of beds or imaging arms. * **Robotics:** Actuators for joints requiring high torque and feedback. * **Automated Valves:** Controlled opening/closing of industrial fluid lines. * **Office Automation:** High-end printers or sorting machines.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current draw for the IRS080 series under stall conditions?
    • ⤷ How do I calculate the exact output RPM if the motor input is 12V?
    • ⤷ Are there specific motor drivers recommended for interfacing this with an Arduino?