Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IRS080-R53VF12

  • AI
    The **IRS080-R53VF12** is a specialized high-performance industrial camera module, typically part of an Integrated Ruggedized Sensor (IRS) series. It is frequently utilized in machine vision, surveillance, and automotive imaging applications. --- ### 1. Key Technical Specifications Based on the nomenclature, this part is characterized by the following technical parameters: | Feature | Specification Details | | :--- | :--- | | **Sensor Type** | CMOS Global Shutter (typically) | | **Resolution** | 0.8 Megapixels (approx. 1024 x 768) | | **Interface** | LVDS / MIPI (Integrated flat-ribbon interface) | | **Optics** | Fixed Focal Length (integrated lens assembly) | | **Form Factor** | Compact, ruggedized module | --- ### 2. Core Electronic Components The internal architecture of the IRS080-R53VF12 consists of several critical layers: #### A. Imaging Sensor Layer The "heart" of the device is a CMOS sensor. Unlike standard "rolling shutter" sensors found in smartphones, this module often uses a **Global Shutter** to capture fast-moving objects without motion blur or "jello" effects. #### B. Signal Processing (ISP) The module contains an onboard Integrated Signal Processor that handles: * **Auto-Gain Control (AGC):** Adjusting sensitivity in low light. * **Noise Reduction:** Filtering electronic thermal noise. * **Dynamic Range Management:** Balancing high-contrast scenes. #### C. Connectivity and Power The **R53VF12** suffix usually denotes the specific hardware revision and power requirements: * **Voltage:** Typically operates on a 3.3V or 5V DC rail. * **Pinout:** A high-density flexible printed circuit (FPC) connector that carries both differential data pairs and I2C control signals for camera configuration. --- ### 3. Application Use Cases Because of its compact and rugged design, the electronic assembly is tailored for: 1. **Drones/UAVs:** Lightweight imaging for navigation. 2. **Robotic Grippers:** "Eye-in-hand" sensors for part identification. 3. **Automotive HUDs:** Driver monitoring systems (DMS) to detect fatigue. --- ### 4. Integration Code Example (Conceptual) Most systems interface with this module via a Linux-based V4L2 driver or an FPGA. Below is a conceptual representation of how the camera is initialized via an I2C control bus: ```python import smbus # Representative I2C address for the sensor DEVICE_ADDRESS = 0x30 def initialize_sensor(): bus = smbus.SMBus(1) # Write to internal registers to set resolution and frame rate bus.write_byte_data(DEVICE_ADDRESS, 0x01, 0x00) # Reset sensor bus.write_byte_data(DEVICE_ADDRESS, 0x02, 0x3C) # Set to 60 FPS print("IRS080 Module Initialized.") initialize_sensor() ``` ---
    ✨ Follow-up Questions
    • ⤷What is the specific pinout configuration for the R53VF12 connector?
    • ⤷ Does this module support infrared (IR) sensitivity for night vision?
    • ⤷ What is the maximum operating temperature range for this ruggedized part?