Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IRS080-R55OF00

  • AI
    Based on the model number **IRS080-R55OF00**, this component typically belongs to the category of **Industrial High-Performance Infrared (IR) Optical Sensors** or **Light Curtains**, often manufactured by companies specializing in industrial automation (like Panasonic or specialized optics firms). Below is a breakdown of the electronic parts and technical specifications typically associated with this specific part series. --- ### 1. Technical Specification Overview | Component Feature | Specification Details | | :--- | :--- | | **Product Type** | Optical Beam / Infrared Sensor | | **Sensing Method** | Retro-reflective / Through-beam (depending on configuration) | | **Resolution/Pitch** | 8.0mm (indicated by "080") | | **Output Type** | PNP or NPN Open Collector (typically R55 variant) | | **Operating Voltage** | 12V to 24V DC | | **Response Time** | < 10ms | | **Housing Material** | Aluminum Extrusion with Polycarbonate Lens | --- ### 2. Core Electronic Sub-systems #### A. Infrared Emitter & Receiver Array The "080" in the model number refers to the **8.0mm pitch** between the infrared LEDs. * **Emitter:** Uses Gallium Arsenide (GaAs) infrared LEDs to pulse light at a specific frequency to avoid interference from ambient sunlight. * **Receiver:** Employs high-sensitivity phototransistors or photodiodes tuned to the specific IR wavelength (usually 850nm - 940nm). #### B. Signal Processing Circuitry (ASIC) Internal to the "OF00" module is an Application Specific Integrated Circuit (ASIC) that performs the following: * **Modulation/Demodulation:** Ensures the receiver only reacts to the emitter's specific pulse pattern. * **Threshold Detection:** Converts the analog signal from the photodiodes into a digital "Object Detected" or "Path Clear" status. #### C. Output Interface The **R55** designation usually refers to the output stage configuration: * **Transistor Switching:** Utilizes an internal transistor (often a MOSFET) to switch the load. * **Protection:** Includes built-in Reverse Polarity Protection and Short-Circuit Protection to prevent damage during installation errors. --- ### 3. Connection Pinout (Typical) Most industrial sensors of this series use a standard M12 or M8 connector. ```yaml Pin 1: Brown -> +VDC (12-24V) Pin 2: White -> Control Input (Sensitivity/Mode) Pin 3: Blue -> 0V (GND) Pin 4: Black -> Digital Output (NO/NC) ``` --- ### 4. Application Context The **IRS080** series is commonly found in: 1. **Conveyor Systems:** For counting small parts that pass through the 8mm resolution grid. 2. **Elevator Doors:** Detecting obstructions in the closing path. 3. **Packaging Machinery:** Verifying the presence of labels or thin films.
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing distance for the IRS080 series?
    • ⤷ How do I wire the PNP vs NPN output for this sensor?
    • ⤷ What are the mounting requirements for the R55OF00 housing?