Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IRS080-R55VF33

  • AI
    The **IRS080-R55VF33** is a high-performance, integrated **Infrared (IR) Receiver Module** typically used for remote control systems. These components are designed to receive modulated infrared signals (usually 33kHz to 56kHz) and convert them into digital electrical signals that a microcontroller can interpret. --- ### 1. Technical Specifications The part number suffix typically indicates the carrier frequency and internal configuration. Below is a breakdown of the technical characteristics: | Parameter | Specification | | :--- | :--- | | **Carrier Frequency** | 33 kHz | | **Operating Voltage** | 2.7V to 5.5V DC | | **Supply Current** | ~0.5 mA to 1.5 mA | | **Reception Distance** | 10 – 15 Meters (Typical) | | **Output Type** | Active Low (Digital) | | **Peak Wavelength** | 940 nm | --- ### 2. Internal Components The IRS080-R55VF33 is not just a photodiode; it is an Integrated Circuit (IC) that contains several stages to ensure signal integrity: 1. **Photodiode:** Captures the IR light pulses. 2. **Preamplifier:** Boosts the weak electrical signal from the photodiode. 3. **Automatic Gain Control (AGC):** Adjusts sensitivity to filter out ambient light noise (like sunlight or fluorescent lamps). 4. **Band Pass Filter (BPF):** Specifically tuned to **33 kHz** to block other frequencies. 5. **Demodulator:** Removes the carrier wave and outputs the raw data bits. --- ### 3. Pin Configuration The device usually follows a standard 3-pin layout (though physical orientation should be verified via the datasheet): | Pin Number | Name | Description | | :--- | :--- | :--- | | **1** | **OUT** | Data Output (Connects to MCU GPIO) | | **2** | **GND** | Ground (0V) | | **3** | **VCC** | Power Supply (Typically 3.3V or 5V) | --- ### 4. Circuit Implementation To ensure stable operation, a simple RC filter is recommended for the power supply line to prevent noise interference. ```cpp // Example: Arduino pseudocode for reading the signal int irPin = 2; // Pin connected to OUT void setup() { pinMode(irPin, INPUT); Serial.begin(9600); } void loop() { int signal = digitalRead(irPin); if (signal == LOW) { // IR Pulse Detected Serial.println("Signal Received"); } } ``` --- ### 5. Common Applications * **Consumer Electronics:** TV, DVD players, and Air Conditioning units. * **Home Automation:** IR-controlled lighting or smart blinds. * **Industrial:** Remote safety shut-off triggers.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the specific resistor and capacitor values for the RC noise filter?
    • ⤷ What is the difference between the 33kHz version and the 38kHz version of this module?
    • ⤷ Can this module be used for high-speed data transfer instead of just remote control codes?