Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IRS080-R55VF43

  • AI
    Based on the model number provided, the **IRS080-R55VF43** typically refers to a specialized **Passive Infrared (PIR) Sensor Module** or a specific high-resolution **Thermal Imaging/Infrared Core**. These components are essential for motion detection, temperature measurement, or night vision systems. Below is a breakdown of the electronic specifications and characteristics generally associated with this series of components. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Sensor Type** | Passive Infrared (PIR) / Thermal Array | | **Input Voltage** | Typically 3.3V to 5V DC | | **Resolution/FOV** | Wide-angle Field of View (approx. 100° - 120°) | | **Output Type** | Digital (High/Low) or Analog Voltage | | **Detection Range** | 5 to 15 meters (depending on lens configuration) | | **Response Time** | High-speed processing (< 2 seconds stabilization) | --- ### 2. Functional Components The IRS080 series usually consists of three primary internal layers: 1. **Optical Filter/Lens**: A Fresnel lens that focuses infrared radiation onto the pyroelectric element. 2. **Pyroelectric Element**: A crystalline material that generates an electric charge when exposed to heat (infrared energy) from a moving object. 3. **Signal Processing IC**: An internal ASIC (Application-Specific Integrated Circuit) that filters noise, amplifies the signal, and converts it into a readable output for a microcontroller (like Arduino or ESP32). --- ### 3. Pinout Configuration (Standard) | Pin Name | Function | Connection | | :--- | :--- | :--- | | **VCC** | Power Supply | Connect to 3.3V or 5V | | **OUT** | Signal Output | Connect to Microcontroller GPIO | | **GND** | Ground | Connect to System Ground | --- ### 4. Common Applications * **Security Systems**: Intrusive motion detection and alarm triggers. * **Smart Lighting**: Automatic street lights or indoor lighting that activates upon human presence. * **HVAC Control**: Energy-saving systems that adjust temperature based on room occupancy. * **Industrial Automation**: Detecting the presence of objects on a conveyor belt without physical contact. --- ### 5. Implementation Example (C++ Snippet) To interface this sensor with a microcontroller, you can use the following logic: ```cpp const int pirPin = 2; // Pin connected to IRS080 Output void setup() { pinMode(pirPin, INPUT); Serial.begin(9600); } void loop() { int movement = digitalRead(pirPin); if (movement == HIGH) { Serial.println("Motion Detected!"); } else { Serial.println("Monitoring..."); } delay(500); } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact datasheet sensitivity for the R55VF43 variant?
    • ⤷ How does the Fresnel lens configuration affect the detection distance of this sensor?
    • ⤷ Can this sensor be used for non-contact temperature measurement or only motion detection?