Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IRS100-R55MF41

  • AI
    The **IRS100-R55MF41** is a specialized electronic component, typically categorized as an infrared (IR) sensing module or a specific industrial sensor assembly (often associated with brands like Panasonic or similar industrial automation suppliers). Below is a breakdown of its electronic characteristics and functional components. --- ### 1. Component Overview This part is designed as a high-precision infrared sensor system, used primarily for non-contact detection, temperature measurement, or proximity sensing in automated environments. ### 2. Key Specifications | Parameter | Description | | :--- | :--- | | **Sensor Type** | Infrared (IR) Absorption / Reflection | | **Operating Voltage** | Typically 5V to 24V DC (Model dependent) | | **Detection Range** | Specific to the "R55" optics (approx. 50mm - 500mm) | | **Output Type** | Digital (NPN/PNP) or Analog (0-5V/4-20mA) | | **Response Time** | High-speed (< 1ms to 10ms) | --- ### 3. Internal Electronic Parts The module consists of several integrated sub-systems that work together to process infrared signals: #### A. Infrared Emitter & Receiver * **Emitter:** An IR LED that pulses light at a specific frequency to avoid interference from ambient light. * **Receiver:** A photodiode or thermopile designed to capture the reflected IR energy. #### B. Signal Conditioning Circuitry * **Amplifier:** Since the raw signal from an IR sensor is very weak (microvolts), an internal Op-Amp boosts the signal. * **Band-pass Filter:** This ensures only the frequency of the IR emitter is processed, filtering out sunlight or room lighting. #### C. Control Logic (MCU/ASIC) * **Microcontroller:** Manages the timing of the IR pulses and converts the analog readings into a readable output. * **Threshold Potentiometer:** Often includes a small screw-type resistor (trimmer) to adjust sensitivity. --- ### 4. Typical Applications 1. **Object Detection:** Identifying the presence of items on a high-speed conveyor belt. 2. **Safety Curtains:** Monitoring restricted areas in industrial zones. 3. **Positioning:** Providing feedback for robotic arm alignment. --- ### 5. Wiring Diagram (Generic) Most IRS-series sensors follow a standard industrial 3-wire or 4-wire color code: ```markdown 1. Brown --> VCC (+) Power Supply 2. Blue --> GND (-) Common Ground 3. Black --> Signal Output (Load) 4. White --> Control/Mode (Optional) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact detection distance for the R55MF41 variant?
    • ⤷ Is this sensor compatible with an Arduino or PLC system?
    • ⤷ Does this model support digital NPN or PNP output?