Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IRS120-R11MF40

  • AI
    The **IRS120-R11MF40** is a specialized electronic component, typically categorized as an infrared (IR) sensor or part of an optical sensor assembly often used in industrial automation or safety monitoring. --- ### 1. Component Overview This part number refers to a high-performance infrared sensor module. Below is a breakdown of its core characteristics: | Parameter | Description | | :--- | :--- | | **Category** | Optical Sensor / Infrared Receiver | | **Detection Method** | Passive or Active Infrared (depending on system integration) | | **Response Time** | Typically high-speed for real-time monitoring | | **Interface** | Analog or Digital (R-series often denotes specific output characteristics) | ### 2. Technical Specifications While exact datasheets can vary by manufacturer (often associated with brands like Optex or specialized sensing firms), the "R11MF40" suffix usually points to the following technical details: * **Operating Voltage:** Generally 12V to 24V DC. * **Spectral Range:** Optimized for the Near-Infrared (NIR) spectrum. * **Housing:** Industrial-grade, often shielded against Electromagnetic Interference (EMI). * **Mounting:** Often features a threaded barrel or bracket-mount design for alignment stability. ### 3. Key Electronic Sub-assemblies The internal architecture of the IRS120 series typically includes: 1. **Photodiode/Phototransistor:** The sensing element that converts light energy into an electrical signal. 2. **Signal Amplifier:** Boosts the micro-volt signals from the detector to a usable level. 3. **Comparator/Logic Circuit:** Determines if the signal has crossed a specific threshold (for object detection). 4. **Output Driver:** Manages the final output signal (e.g., NPN/PNP transistor output or a 4-20mA current loop). ### 4. Common Applications * **Industrial Automation:** Detecting the presence of parts on a high-speed conveyor belt. * **Safety Light Curtains:** Ensuring personnel do not enter dangerous zones. * **Distance Measurement:** Using IR triangulation or intensity to estimate proximity. --- ### 5. Wiring Diagram Concept A standard wiring configuration for this class of sensor usually follows this logic: ```yaml Pin 1: VCC (+) # Power Supply (e.g., +24V) Pin 2: GND (-) # Ground Pin 3: Signal # Output (Digital/Analog) Pin 4: Control # Sensitivity adjustment or test input ```
    ✨ Follow-up Questions
    • ⤷What are the specific pinout details for the IRS120-R11MF40?
    • ⤷ How does this sensor handle ambient light interference?
    • ⤷ Is this sensor compatible with standard PLC inputs?