Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IRS120-R11OF21

  • AI
    The **IRS120-R11OF21** is a specialized high-performance **Short-Wave Infrared (SWIR)** camera module, typically utilized in industrial inspection, thermal mapping, and scientific research. It is designed around an InGaAs (Indium Gallium Arsenide) sensor core. --- ### 1. Core Component Analysis The following table breaks down the primary electronic and hardware components found within the module: | Component Category | Description | Key Function | | :--- | :--- | :--- | | **Sensor Type** | InGaAs Focal Plane Array (FPA) | Converts SWIR photons (900nm - 1700nm) into electrical signals. | | **Resolution** | 1280 x 1024 (SXGA) | High-definition imaging for detailed analysis. | | **Pixel Pitch** | 10μm - 15μm (Approx) | Determines the spatial resolution and light sensitivity. | | **Readout Circuit (ROIC)** | Integrated CMOS ROIC | Handles signal amplification, integration, and noise reduction. | | **Cooling System** | TEC (Thermoelectric Cooler) | Stabilizes sensor temperature to minimize "dark current" noise. | | **A/D Converter** | 14-bit or 16-bit ADC | Converts analog signals into high-precision digital data. | --- ### 2. Key Technical Specifications To understand how these parts interact, here are the operational parameters: * **Spectral Range:** 0.9μm to 1.7μm (Invisible to the human eye, but penetrates smoke, haze, and certain plastics). * **Frame Rate:** Capable of high-speed capture (often up to 60Hz or higher at full resolution). * **Digital Interface:** Usually utilizes **Camera Link**, **GigE Vision**, or **USB 3.0** for high-bandwidth data transfer. * **Power Input:** Typically 12V DC with low power consumption for integration into larger systems. --- ### 3. Functional Electronic Features The electronics inside the IRS120-R11OF21 perform several critical tasks: 1. **Non-Uniformity Correction (NUC):** Onboard processing corrects for pixel-to-pixel variations inherent in InGaAs sensors. 2. **Bad Pixel Replacement (BPR):** Algorithms automatically identify and mask "dead" or "hot" pixels in real-time. 3. **Automatic Gain Control (AGC):** Adjusts the electronic gain to maintain image contrast in varying lighting conditions. 4. **Triggering Logic:** Includes external I/O pins for synchronized imaging with strobe lights or industrial conveyor belts. --- ### 4. Integration Code Example If you are controlling the module via a Python-based SDK (common for GigE versions), the initialization might look like this: ```python import swir_camera_sdk as sdk # Initialize the camera module camera = sdk.Connect(ip="192.168.1.10") # Configure electronic settings camera.set_exposure_time(10.5) # in milliseconds camera.enable_tec(True) # Activate Thermoelectric Cooling camera.set_gain("High") # Set electronic gain # Capture frame frame = camera.get_image() print(f"Captured {frame.width}x{frame.height} SWIR Image") ```
    ✨ Follow-up Questions
    • ⤷What are the primary industrial applications for the IRS120-R11OF21?
    • ⤷ How does the TEC cooling impact the image quality in SWIR sensors?
    • ⤷ Which interface (GigE vs Camera Link) is better for this specific module?