Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IS25LP032A-RBLA1

  • AI
    ## Technical Overview: IS25LP032A-RBLA1 The **IS25LP032A-RBLA1** is a high-performance, 32-Mbit (4MB) Serial Flash memory manufactured by **ISSI (Integrated Silicon Solution Inc.)**. It is designed for systems that require high reliability and high-speed data access in a compact form factor. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Storage Capacity** | 32 Megabits (4 Megabytes) | | **Interface** | SPI, Dual SPI, Quad SPI, QPI (Quad Peripheral Interface) | | **Clock Speed** | Up to 133 MHz (Single/Dual/Quad) | | **Voltage Range** | 2.3V to 3.6V | | **Temperature Range** | -40°C to +105°C (Automotive A1 Grade) | | **Package Type** | 8-contact WSON (6x5mm) or 8-pin SOIC | | **Data Retention** | 20 Years | | **Endurance** | 100,000 Program/Erase Cycles | --- ### 2. Electronic Architecture and Functionality The device is organized into sectors and blocks, allowing for flexible memory management: * **Sector Size:** 4 KB (Uniform) * **Block Size:** 32 KB and 64 KB * **Page Size:** 256 Bytes #### Multi-I/O Support Unlike standard SPI (which uses a single data line), this chip supports **Quad SPI**. This allows the device to transfer data across 4 pins simultaneously, effectively reaching transfer rates of up to **532 Mbps** (133 MHz x 4), which is essential for "Execute in Place" (XiP) applications where code is run directly from the flash. #### Advanced Features * **DTR (Double Transfer Rate):** Allows data to be sampled on both the rising and falling edges of the clock. * **Hardware Write Protection:** Includes a protection pin and programmable register bits to prevent accidental data loss. * **SFDP Support:** Implements Serial Flash Discoverable Parameters to allow the host system to identify device characteristics automatically. --- ### 3. Pinout Description | Pin Name | Function | Description | | :--- | :--- | :--- | | **CS#** | Chip Select | Activates the device when pulled low. | | **SO (IO1)** | Serial Output | Data output; IO1 in Dual/Quad modes. | | **WP# (IO2)** | Write Protect | Hardware protection; IO2 in Quad mode. | | **SI (IO0)** | Serial Input | Data input; IO0 in Dual/Quad modes. | | **SCLK** | Serial Clock | Provides timing for the data transfer. | | **HOLD# (IO3)** | Hold / Reset | Pauses communication; IO3 in Quad mode. | | **VCC** | Power Supply | 2.3V - 3.6V input. | | **GND** | Ground | 0V Reference. | --- ### 4. Typical Applications * **Automotive Systems:** Infotainment, ADAS, and dashboard clusters (due to A1 temperature rating). * **Industrial Controls:** High-reliability data logging and firmware storage. * **Networking:** Storage for routers, switches, and gateway configurations. * **Consumer Electronics:** Smart home devices and wearables. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between SPI and QPI modes in this chip?
    • ⤷ How does the 'A1' suffix affect its usage in industrial environments?
    • ⤷ What are the power consumption levels during active read vs. standby mode?