AI

## Overview of the IS25LP032A-RBLA2
The **IS25LP032A-RBLA2** is a high-performance, 32-Megabit (4MB) Serial Flash memory device manufactured by **Integrated Silicon Solution Inc. (ISSI)**. It is designed for systems that require high-speed data access, low power consumption, and a compact physical footprint.
---
### Key Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Density** | 32 Megabits (4 Megabytes) |
| **Interface** | SPI, Dual SPI, Quad SPI (QSPI), and QPI |
| **Clock Frequency** | Up to 133 MHz (Single/Dual/Quad) |
| **Voltage Supply** | 2.3V to 3.6V |
| **Package Type** | 8-contact WSON (6x5mm) or 8-pin SOIC |
| **Operating Temperature** | -40°C to +105°C (Automotive Grade A2) |
| **Data Retention** | 20 Years |
---
### Core Electronic Features
#### 1. High-Speed Performance
The device supports **Double Data Rate (DDR)** read operations. In Quad SPI mode, it can achieve a transfer rate of up to **532Mbps** (133MHz x 4), which is comparable to many parallel flash memories but uses fewer pins.
#### 2. Advanced Security
* **Unique ID:** Each device has a factory-programmed 64-bit unique ID.
* **OTP (One-Time Programmable) Blocks:** It contains three 256-byte security registers for sensitive data like encryption keys.
* **Hardware Write Protection:** Managed via the WP# pin and status register bits.
#### 3. Power Efficiency
It is optimized for battery-powered applications with:
* **Deep Power Down mode:** Typically < 2μA.
* **Active Read current:** ~7mA at 133MHz.
#### 4. Architecture
The memory is organized into:
* **Sectors:** 4KB each (total 1,024 sectors).
* **Blocks:** 32KB or 64KB (flexible erase options).
* **Pages:** 256 bytes per page for programming.
---
### Pin Configuration (Typical 8-pin Layout)
```markdown
1. /CS - Chip Select (Active Low)
2. SO - Serial Data Output (IO1)
3. /WP - Write Protect (IO2)
4. GND - Ground
5. SI - Serial Data Input (IO0)
6. SCK - Serial Clock
7. /HOLD- Hold / Reset (IO3)
8. VCC - Power Supply
```
---
### Applications
* **Automotive:** Infotainment systems, instrument clusters, and ADAS.
* **Industrial:** Smart meters and robotics.
* **Consumer:** Wearables, smart home devices, and cameras.
* **Networking:** Routers and wireless access points.
- ⤷
What is the difference between the IS25LP and IS25WP series?
- ⤷ How do I configure the device for Quad SPI mode?
- ⤷ What are the specific timing requirements for the 'Deep Power Down' exit?