AI

## IS25LP032A-RGLA2: Technical Overview
The **IS25LP032A-RGLA2** is a high-performance, 32-Megabit (4MB) Serial Flash memory manufactured by ISSI (Integrated Silicon Solution Inc.). It belongs to the **IS25LP** series, which is designed for high-speed data transfer and low power consumption, typically used in automotive, industrial, and consumer electronics.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Capacity** | 32 Megabits (4 Megabytes) |
| **Interface** | Multi-I/O SPI (Serial Peripheral Interface) |
| **Voltage Supply** | 2.3V to 3.6V |
| **Max Clock Frequency** | 133 MHz |
| **Throughput** | Up to 532 Mbps (in Quad I/O mode) |
| **Temperature Range** | Automotive Grade A2 (-40°C to +105°C) |
| **Package Type** | 8-contact WSON (6x5mm) |
---
### 2. Electronic Architecture and Modes
The device supports several bus widths to optimize speed vs. pin count:
* **Standard SPI:** Traditional Single I/O (SI, SO, SCK, CS#).
* **Dual I/O:** Doubling throughput using two data lines.
* **Quad I/O:** Maximum performance using four data lines.
* **QPI (Quad Peripheral Interface):** All instructions, addresses, and data are sent over four lines for reduced latency.
### 3. Core Features
* **Fast Read/Write:** Supports Double Data Rate (DDR) read modes.
* **Endurance:** Minimum 100,000 Program/Erase cycles.
* **Data Retention:** Over 20 years.
* **Security:** Features 3x256-Byte Security Registers with OTP (One-Time Programmable) lock.
* **Hardware Write Protection:** The `WP#` pin and `HOLD#` pin (or `RESET#`) provide physical control over data integrity.
### 4. Part Number Breakdown (IS25LP032A-RGLA2)
Understanding the suffix is critical for procurement and PCB design:
| Segment | Meaning |
| :--- | :--- |
| **IS25LP** | 2.5V/3.0V High Performance Serial Flash |
| **032** | 32 Megabit density |
| **A** | Product Revision |
| **-R** | Package: WSON (6x5mm) |
| **G** | RoHS compliant, Halogen-free |
| **L** | Automotive Grade |
| **A2** | Temperature range: -40°C to +105°C |
---
### 5. Application Code Example
Below is a conceptual example of how to interact with the device using a generic SPI library to read the Device ID.
```cpp
// Example: Reading the JEDEC ID (9Fh) from IS25LP032A
#include
#define CS_PIN 10
void setup() {
pinMode(CS_PIN, OUTPUT);
digitalWrite(CS_PIN, HIGH);
SPI.begin();
Serial.begin(9600);
// Read Manufacturer and Device ID
digitalWrite(CS_PIN, LOW);
SPI.transfer(0x9F); // JEDEC ID Command
byte manufacturerID = SPI.transfer(0x00);
byte memoryType = SPI.transfer(0x00);
byte capacity = SPI.transfer(0x00);
digitalWrite(CS_PIN, HIGH);
Serial.print("Manufacturer ID: "); Serial.println(manufacturerID, HEX);
}
void loop() {}
```
- ⤷
What is the difference between the IS25LP and IS25WP series?
- ⤷ Can this chip be used in Quad-SPI mode with a standard 3.3V microcontroller?
- ⤷ What are the specific power consumption ratings in Deep Power Down mode?