Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IS25LP032A-RKLE

  • AI
    ### Technical Overview of IS25LP032A-RKLE The **IS25LP032A-RKLE** is a high-performance, 32-Megabit (4MB) Serial Flash memory manufactured by **ISSI (Integrated Silicon Solution Inc.)**. It is designed for systems that require high reliability, low power consumption, and high-speed data transfer. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Capacity** | 32 Megabits (4 Megabytes) | | **Interface** | SPI, Dual SPI, Quad SPI, QPI | | **Clock Frequency** | Up to 133 MHz (Standard/Dual/Quad) | | **Operating Voltage** | 2.3V to 3.6V | | **Operating Temperature** | -40°C to +105°C (Industrial Plus) | | **Package Type** | 8-contact WSON (6x5mm) | | **Data Retention** | 20 Years | | **Endurance** | 100,000 Program/Erase Cycles | --- ### 2. Core Functional Features * **High Speed Performance:** In Quad SPI mode, it supports throughput equivalent to 532MHz, enabling fast Boot-in-Place (XiP) applications. * **Flexible Architecture:** * Uniform 4KB sectors. * Uniform 32KB/64KB blocks. * **Low Power Consumption:** * Active Read: 12mA (typical). * Deep Power Down: < 2µA (typical). * **Security Features:** * Software and Hardware Write Protection. * Individual Block Locking. * One-Time Programmable (OTP) security registers. --- ### 3. Pin Configuration (WSON-8 Package) The device typically follows the standard SPI pinout for flash devices: ```text ____ ____ CS# |1 \/ 8| VCC SO |2 7| HOLD# / RESET# WP# |3 6| SCK GND |4_______5| SI ``` * **CS#:** Chip Select (Active Low). * **SO (IO1):** Serial Data Output. * **WP# (IO2):** Write Protect / Quad I/O Pin 2. * **GND:** Ground. * **SI (IO0):** Serial Data Input. * **SCK:** Serial Clock. * **HOLD# / RESET# (IO3):** Pause communication or Reset / Quad I/O Pin 3. * **VCC:** Power Supply. --- ### 4. Part Number Decoder Understanding the "RKLE" suffix: * **IS25LP032A:** Base part number (Low Power, 32Mb). * **R:** Top/Bottom boot sector. * **K:** 8-contact WSON (6x5mm). * **L:** Industrial Plus Temperature Range (-40°C to +105°C). * **E:** Lead-free / RoHS Compliant. --- ### 5. Common Applications * **Embedded Systems:** Microcontroller firmware storage. * **Automotive:** Telematics, Infotainment, and ADAS. * **Industrial:** Smart meters, factory automation, and sensors. * **Networking:** Routers, switches, and gateways.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between SPI and Quad SPI (QPI) modes in this chip?
    • ⤷ Can you explain the 'Execute-in-Place' (XiP) capability of the IS25LP032A?
    • ⤷ What are the recommended decoupling capacitor values for the VCC pin?