Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IS25LP032D-RLLA3

  • AI
    ## Technical Overview of IS25LP032D-RLLA3 The **IS25LP032D-RLLA3** is a high-performance, 32-Megabit (4MB) Serial Flash memory manufactured by **Integrated Silicon Solution Inc. (ISSI)**. It is designed for high-speed systems that require reliable non-volatile storage in compact footprints. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Density** | 32 Megabits (4 Megabytes) | | **Interface** | SPI, Dual SPI, Quad SPI, and QPI | | **Clock Frequency** | Up to 133 MHz | | **Supply Voltage** | 2.3V to 3.6V | | **Package Type** | 8-contact WSON (6x5mm) | | **Temperature Range** | Automotive Grade A3 (-40°C to +125°C) | | **Data Retention** | 20 Years | --- ### 2. Core Functional Features * **High-Speed Read:** Supports Single, Dual, and Quad I/O modes. In Quad SPI mode, it can achieve a throughput of up to **532Mbps** (133MHz x 4 bits). * **Flexible Architecture:** * 4KB Sectors / 32KB & 64KB Blocks. * Allows for efficient code and data storage management. * **Advanced Protection:** * Hardware and Software write protection. * Individual block protection. * **Automotive Grade (A3):** The "A3" suffix indicates it is qualified under the AEC-Q100 standard, making it suitable for automotive environments with extreme temperature variations. --- ### 3. Pin Configuration (WSON Package) | Pin Name | Function | Description | | :--- | :--- | :--- | | **CS#** | Chip Select | Activates the device when pulled low. | | **SO (IO1)** | Serial Data Out | Output for standard SPI; Input/Output for Multi-I/O. | | **WP# (IO2)** | Write Protect | Provides hardware write protection. | | **VSS** | Ground | Power supply ground. | | **SI (IO0)** | Serial Data In | Input for standard SPI; Input/Output for Multi-I/O. | | **SCK** | Serial Clock | Provides the timing for data transfer. | | **HOLD# (IO3)** | Hold / Reset | Pauses communication without deselecting the device. | | **VCC** | Power Supply | Positive voltage source. | --- ### 4. Part Number Decoder Understanding the "RLLA3" suffix: * **R**: Package type (WSON 8-contact). * **L**: Lead-free / RoHS compliant. * **L**: High-speed / Low power version. * **A3**: Automotive Temperature Grade (-40°C to +125°C). --- ### 5. Common Applications * **Automotive:** Infotainment systems, Advanced Driver Assistance Systems (ADAS), and digital instrument clusters. * **Industrial:** Smart meters, robotics, and factory automation controllers. * **Consumer:** High-end networking equipment and smart home devices.
    ✨ Follow-up Questions
    • ⤷ What are the differences between SPI and QPI modes in this chip?
    • ⤷ How does the AEC-Q100 qualification impact the component's reliability?
    • ⤷ Can you provide a code example for initializing this flash memory?