Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IS25LP032D-RLLA3:

  • AI
    The **IS25LP032D-RLLA3** is a high-performance 32-Megabit (4MB) Serial Flash memory device manufactured by **ISSI (Integrated Silicon Solution Inc.)**. It is designed for high-speed embedded systems that require fast data access and low power consumption. --- ### 1. Key Technical Specifications The following table outlines the core electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Memory Density** | 32 Megabits (4 Megabytes) | | **Interface** | Multi-I/O SPI (Serial Peripheral Interface) | | **Operating Voltage** | 2.3V to 3.6V | | **Clock Frequency** | Up to 133 MHz | | **I/O Modes** | Standard SPI, Dual SPI, Quad SPI, QPI (Quad Peripheral Interface) | | **Temperature Range** | -40°C to +125°C (Automotive Grade A3) | | **Package Type** | WSON (8-contact) / SOIC (8-pin) - *Check specific suffix for package variant* | --- ### 2. Functional Features * **High-Speed Read:** Supports Double Transfer Rate (DTR) and Quad I/O, providing a throughput of up to 66MB/s. * **Sector/Block Architecture:** * Uniform 4KB sectors. * Uniform 32KB/64KB blocks. * Allows for flexible memory management and efficient erasing. * **Advanced Protection:** * Software and Hardware write protection. * Individual block locking. * OTP (One-Time Programmable) security registers. * **Low Power Consumption:** * Active Read: ~10mA. * Deep Power Down: <5µA (typical). --- ### 3. Decoding the Part Number The part number follows a specific nomenclature used by ISSI: | Part Segment | Meaning | | :--- | :--- | | **IS** | ISSI Prefix | | **25LP** | 2.5V/3.0V Serial Flash (Low Power) | | **032D** | 32 Megabit density, "D" Revision | | **R** | Temperature Range: Automotive Grade | | **LL** | Voltage: 2.3V - 3.6V | | **A3** | Automotive Grade Temp: -40°C to +125°C | --- ### 4. Common Applications Due to its **A3 automotive rating**, this part is frequently found in: * **Automotive Infotainment:** Dashboard displays and navigation units. * **ADAS:** Advanced Driver Assistance Systems. * **Industrial Controls:** High-temperature factory automation equipment. * **Networking:** High-speed routers and switches. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring differences between SPI and Quad-SPI modes for this chip?
    • ⤷ How does the 'D' revision of the IS25LP series differ from previous versions?
    • ⤷ Can this chip be used in a 1.8V logic system without a level shifter?