Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • IS25LP064A-RKLA2

  • AI
    ### Technical Overview: IS25LP064A-RKLA2 The **IS25LP064A-RKLA2** is a high-performance, 64-Megabit (8 MB) Serial Flash memory device manufactured by **Integrated Silicon Solution Inc. (ISSI)**. It is designed for systems requiring high reliability and fast data transfer rates in a compact form factor. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Memory Capacity** | 64 Megabits (8 Megabytes) | | **Interface** | Multi-I/O SPI (Serial Peripheral Interface) | | **Supported Modes** | Standard SPI, Dual SPI, Quad SPI, QPI (Quad Peripheral Interface) | | **Max Clock Frequency** | Up to 133 MHz | | **Supply Voltage (Vcc)** | 2.3V to 3.6V | | **Package Type** | 8-contact WSON (6x5mm) or 8-pin SOIC | | **Operating Temperature** | -40°C to +105°C (Automotive/Industrial Grade) | --- ### Core Electronic Characteristics #### 1. High-Speed Performance The device utilizes **Dual Data Rate (DDR)** and Quad I/O capabilities, allowing it to reach an equivalent frequency of 532 MHz (133 MHz x 4 bits). This makes it suitable for "Execute-in-Place" (XiP) operations, where the processor runs code directly from the flash rather than copying it to RAM. #### 2. Advanced Security Features * **OTP (One-Time Programmable) Area:** Three 256-byte security registers for unique identification or sensitive keys. * **Write Protection:** Hardware and software-based write protection to prevent accidental data corruption or unauthorized overwriting. #### 3. Power Management The device is optimized for low power consumption: * **Active Read Current:** ~12 mA (at 133 MHz) * **Deep Power Down:** Typically < 2 µA, ideal for battery-operated IoT devices. #### 4. Memory Organization The memory is partitioned for efficient data management: * **Pages:** 256 bytes per page. * **Sectors:** 4 KB each. * **Blocks:** 32 KB or 64 KB. --- ### Pin Configuration (Typical 8-pin Layout) | Pin Name | Description | Function | | :--- | :--- | :--- | | **CS#** | Chip Select | Activates the device when low. | | **SO (IO1)** | Serial Data Output | Output for standard SPI; Input/Output for Multi-I/O. | | **WP# (IO2)** | Write Protect | Provides hardware write protection. | | **VSS** | Ground | Power ground. | | **SI (IO0)** | Serial Data Input | Input for standard SPI; Input/Output for Multi-I/O. | | **SCK** | Serial Clock | Provides the timing for data transfer. | | **HOLD# (IO3)** | Hold/Reset | Pauses communication or acts as 4th I/O line. | | **VCC** | Power Supply | 2.3V - 3.6V Source. | --- ### Common Applications * **Automotive:** Infotainment systems, instrument clusters, and ADAS. * **Consumer Electronics:** Smart TVs, set-top boxes, and gaming consoles. * **Industrial:** High-reliability controllers and sensors. * **Networking:** Routers, switches, and high-speed modems.
    ✨ Follow-up Questions
    • ⤷ What is the difference between QPI and standard SPI modes in this chip?
    • ⤷ How does the 'Execute-in-Place' (XiP) feature impact system performance?
    • ⤷ What are the specific soldering requirements for the RKLA2 package?