Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ISC01

  • AI
    The **ISC01** is a specialized electronic component primarily known as a high-performance **Short-Wave Infrared (SWIR) Readout Integrated Circuit (ROIC)**. It is designed to be hybridized with sensor materials like InGaAs (Indium Gallium Arsenide) to create infrared cameras. Below is a breakdown of its electronic specifications and features. --- ## 1. Core Technical Specifications The ISC01 belongs to a family of ROICs developed by FLIR (Indigo Operations). It is characterized by its high resolution and high frame rate capabilities. | Feature | Specification | | :--- | :--- | | **Array Size (Resolution)** | 640 x 512 pixels | | **Pixel Pitch** | 20 µm x 20 µm | | **Spectral Range** | Typically 0.9 µm to 1.7 µm (depends on detector) | | **Output Ports** | 1, 2, or 4 selectable outputs | | **Max Frame Rate** | Up to 100 Hz (at full frame) | | **Detector Interface** | Direct Injection (DI) | --- ## 2. Key Electronic Features ### A. Integration Modes The ISC01 supports different electronic integration modes to handle various lighting conditions: * **ITR (Integrate-Then-Read):** The integration happens for all pixels simultaneously, and then the data is read out. This prevents motion blur. * **IWR (Integrate-While-Read):** Allows for higher duty cycles by integrating the next frame while the previous one is being clocked out. ### B. Gain Settings (Capacitance) The circuit features selectable integration capacitors. This allows the user to adjust the "Full Well Capacity": * **High Gain:** Used for low-light environments (smaller capacitor). * **Low Gain:** Used for high-flux environments to prevent saturation (larger capacitor). ### C. Windowing (ROI) The electronics support **Region of Interest (ROI)** windowing. By reading out only a portion of the 640x512 array, the frame rate can be significantly increased (e.g., thousands of frames per second for small windows). --- ## 3. Signal Chain & Architecture The ISC01 acts as the "brain" behind the infrared sensor material: 1. **Input Cell:** Uses a **Direct Injection (DI)** circuit to bias the infrared detector and collect the photo-generated current. 2. **Sample and Hold:** Stores the collected charge as a voltage. 3. **Multiplexer:** Switches the signals from the 2D array into serial analog output streams. 4. **Analog Outputs:** The chip outputs differential analog signals that are typically converted to digital signals by an external ADC (Analog-to-Digital Converter) on the camera's main processing board. --- ## 4. Physical and Electrical Requirements * **Package Type:** Usually provided as a die for hybridization or in a Leadless Chip Carrier (LCC). * **Power Supply:** Requires multiple low-voltage DC rails (typically around 3.3V to 5V) for the analog and digital logic sections. * **Clocking:** Requires external master clocks and synchronization signals (pixel clock, line sync, frame sync).
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the ISC01 and the ISC0403 ROIC?
    • ⤷ How is the InGaAs sensor material physically attached to the ISC01 circuit?
    • ⤷ Can the ISC01 be used for thermal imaging in the Long-Wave Infrared (LWIR) spectrum?