Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ISC01P

  • AI
    The **ISC01P** is a high-performance **Short-Wave Infrared (SWIR)** InGaAs (Indium Gallium Arsenide) image sensor module, primarily designed for professional, industrial, and scientific imaging applications. It is often integrated into cameras used for inspection, laser profiling, and night vision. Below is a breakdown of its electronic specifications and technical architecture. --- ### 1. Key Technical Specifications The ISC01P is characterized by its sensitivity in the 0.9 µm to 1.7 µm wavelength range. | Feature | Specification (Typical) | | :--- | :--- | | **Sensor Type** | InGaAs Focal Plane Array (FPA) | | **Resolution** | 640 x 512 pixels (VGA) | | **Pixel Pitch** | 15 µm to 20 µm (variant dependent) | | **Spectral Range** | 900 nm – 1700 nm (SWIR) | | **Frame Rate** | Up to 30Hz - 60Hz (Full Frame) | | **Readout Mode** | Snapshot (Global Shutter) | | **Quantum Efficiency** | >70% at 1550 nm | --- ### 2. Electronic Architecture The module consists of two main electronic layers bonded together: #### A. The Detector Layer (InGaAs) This is the light-sensitive portion. Unlike standard CMOS sensors made of Silicon, InGaAs allows for the detection of photons that pass through silicon, making it ideal for seeing through plastic, silicon wafers, or dense fog. #### B. The Readout Integrated Circuit (ROIC) The ISC01P uses a sophisticated ROIC layer. This component is responsible for: * **Charge Conversion:** Converting the electrons generated by the InGaAs layer into a measurable voltage. * **Integration Control:** Managing the "exposure time." * **Correlated Double Sampling (CDS):** An electronic technique used to reduce fixed pattern noise and reset noise. --- ### 3. Electrical Interface and Integration To operate the ISC01P, the following electronic subsystems are required: 1. **TE Cooler (Thermo-Electric Cooling):** Most ISC01P modules include an internal Peltier cooler. This is critical because SWIR sensors generate significant "dark current" (thermal noise). Constant temperature stabilization is required for high-quality imaging. 2. **Analog-to-Digital Converter (ADC):** The sensor outputs analog signals that require high-speed ADCs (usually 12-bit or 14-bit) to maintain dynamic range. 3. **Power Supply:** Requires multiple low-noise DC voltages (typically 1.8V, 3.3V, and 5V) to ensure the analog signal remains clean. --- ### 4. Common Applications | Industry | Use Case | | :--- | :--- | | **Semiconductor** | Inspecting through silicon wafers for internal defects. | | **Agriculture** | Identifying moisture content in crops (water absorbs SWIR). | | **Security** | Seeing through haze, smoke, and mist where visible light fails. | | **Sorting** | Identifying plastics and minerals based on chemical "fingerprints." | ---
    ✨ Follow-up Questions
    • ⤷ What are the power consumption requirements for the ISC01P?
    • ⤷ How does the ISC01P compare to silicon-based CMOS sensors?
    • ⤷ Does the ISC01P require a specific lens coating for SWIR imaging?