Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ISC0702NLS

  • AI
    The **ISC0702NLS** is a high-performance N-channel Power MOSFET designed primarily for high-efficiency power conversion and motor control applications. It is manufactured by Infineon and belongs to the **OptiMOS™** family, known for low on-state resistance and high switching speeds. --- ### ## Technical Specifications Below are the key electrical characteristics of the ISC0702NLS: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DS}$ | 25 V | | **Continuous Drain Current** | $I_{D}$ | 50 A | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | 2.1 mΩ (@ $V_{GS}$ = 10V) | | **Gate-Source Threshold Voltage** | $V_{GS(th)}$ | 1.2 V - 2.0 V | | **Total Gate Charge** | $Q_{g}$ | 13 nC | | **Operating Temperature** | $T_{j}$ | -55°C to 150°C | --- ### ### Core Features 1. **Low $R_{DS(on)}$:** The extremely low resistance minimizes conduction losses, making it ideal for high-current applications where heat dissipation is a concern. 2. **Logic Level Drive:** The low threshold voltage ($V_{GS(th)}$) allows the MOSFET to be driven directly by microcontrollers or logic circuits operating at 3.3V or 5V. 3. **Fast Switching:** Optimized for high-frequency DC-DC converters, reducing switching losses significantly. 4. **Package:** Typically comes in a compact **TDSON-8** (also known as SuperSO8) package, which offers excellent thermal performance and a small footprint. --- ### ### Common Applications The ISC0702NLS is versatile and commonly found in the following electronic circuits: * **DC-DC Converters:** Used in point-of-load (POL) converters for servers and telecommunications. * **Battery Protection:** Ideal for Battery Management Systems (BMS) due to its high current handling. * **Motor Control:** Employed in low-voltage BLDC motor drives for power tools and fans. * **Load Switching:** Used as a high-side or low-side switch in consumer electronics. --- ### ### Internal Structure (Simplified) ```mermaid graph LR G[Gate] -->|Insulated Layer| Ch[Channel] S[Source] --- Ch D[Drain] --- Ch Diode[Body Diode] --- S Diode --- D ```
    ✨ Follow-up Questions
    • ⤷What is the maximum power dissipation for the ISC0702NLS in a TDSON-8 package?
    • ⤷ How does the gate charge (Qg) affect the switching efficiency of this MOSFET?
    • ⤷ Can this MOSFET be used in a 24V system given its VDS rating?