Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ISC09

  • AI
    The **ISC09** is a high-performance **Read-Out Integrated Circuit (ROIC)** specifically designed for use in infrared imaging. It acts as the electronic interface between an infrared detector array (such as InSb or MCT) and the external processing system. Below is an overview of its technical specifications and electronic architecture. --- ### 1. Technical Specifications The ISC09 is typically used in large-format, high-speed infrared cameras. | Parameter | Specification | | :--- | :--- | | **Array Format** | 320 x 256 pixels | | **Pixel Pitch** | 30 µm | | **Input Type** | Capacitive Transimpedance Amplifier (CTIA) | | **Integration Mode** | Integrate-Then-Read (ITR) or Integrate-While-Read (IWR) | | **Dynamic Range** | > 70 dB | | **Output Channels** | 1, 2, or 4 selectable | | **Max Frame Rate** | ~350 Hz (at full frame) | --- ### 2. Key Electronic Components & Subsystems #### A. The Pixel Unit Cell The heart of the ISC09 is the **CTIA (Capacitive Transimpedance Amplifier)** input circuit. Unlike standard Direct Injection (DI) circuits, the CTIA provides: * **Low Input Impedance:** This keeps the detector bias stable even with varying photocurrent. * **Low Noise:** High sensitivity suitable for low-flux applications. * **Linearity:** Excellent linear response across the entire integration range. #### B. Signal Processing Chain 1. **Integration Capacitor:** Converts the detector current into a voltage. The ISC09 often features selectable gain settings (changing the feedback capacitor size). 2. **Sample and Hold:** Stores the integrated signal to allow the array to begin a new integration cycle while the previous data is being read out (IWR mode). 3. **Multiplexer (MUX):** Shifts the parallel data from the 320x256 rows/columns into high-speed serial or semi-parallel output streams. #### C. Control and Interface Logic * **Master Clock (MCK):** Synchronizes all internal timing. * **Biasing Circuitry:** Internal registers allow for fine-tuning of the detector bias to optimize Dark Current and Quantum Efficiency. * **Windowing (ROI):** The electronics support "Region of Interest" windowing, allowing the user to read a smaller portion of the array at significantly higher frame rates. --- ### 3. Pin Configuration Categories The physical interface of the ISC09 involves several signal groups: | Group | Function | | :--- | :--- | | **Power** | Digital VDD (3.3V/5V) and Analog VDD for low-noise operation. | | **Biasing** | Vdet_com (Detector common) and internal reference voltages. | | **Clocks** | Horizontal and Vertical sync pulses to drive the multiplexer. | | **Analog Out** | The processed signal outputs (Vout) carrying the pixel intensity data. | --- ### 4. Comparison: ISC09 vs. Other ROICs The ISC09 is valued for its **30 µm pitch**, which is relatively large by modern standards (where 10–15 µm is common), but this allows for a **higher full-well capacity** (the ability to store more electrons per pixel), making it ideal for high-contrast thermal imaging and scientific applications.
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between CTIA and Direct Injection input circuits?
    • ⤷ How does 'Windowing' affect the maximum frame rate of the ISC09?
    • ⤷ Which infrared detector materials are most compatible with the ISC09 ROIC?