Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ISC4A2

  • AI
    The **ISC4A2** is a specific electronic component module, typically identified as an **Isolated RS-232 to RS-485/422 Converter** or a specific **Industrial Digital Input/Output Module** depending on the manufacturer (commonly associated with industrial automation brands like ICP DAS or similar interface converters). Below is an analysis of its core electronic characteristics and architecture. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Input Interface** | RS-232 (3-wire: TXD, RXD, GND) | | **Output Interface** | RS-485 (2-wire) or RS-422 (4-wire) | | **Isolation Voltage** | 3000 VDC (Internal photo-coupler isolation) | | **Baud Rate** | 300 to 115,200 bps (Auto-switching) | | **Power Input** | +10V to +30V DC | | **Connector Type** | Terminal block (RS-485/422) and DB9 Female (RS-232) | --- ### 2. Core Electronic Internal Parts The ISC4A2 relies on three primary stages of electronic circuitry to ensure reliable data transmission in harsh environments: #### A. The Transceiver ICs * **RS-232 Side:** Uses a standard level shifter (like the MAX232 series) to convert PC-level signals (+/- 12V) to TTL logic (5V/3.3V). * **RS-485/422 Side:** Uses a differential driver (like the MAX485 or similar) to convert TTL logic into differential signals, allowing for long-distance communication (up to 1.2km). #### B. Galvanic Isolation (The "Isolated" Part) * **Opto-couplers:** These components use light to transfer signals across a physical gap. This prevents high-voltage spikes on the industrial line from destroying the connected PC or PLC. * **DC-to-DC Converter:** An internal transformer-based module that provides "floating" power to the RS-485 side, ensuring there is no common electrical ground between the input and output. #### C. Data Flow Control (Self-Tuner) * Unlike cheap converters that require "RTS" signaling to switch between sending and receiving, the ISC4A2 usually features a **Self-Tuner ASIC**. * This circuit automatically detects the start bit of incoming data and enables the RS-485 driver, then switches back to "listen" mode once the transmission is complete. --- ### 3. Connection Pinout | Terminal | Function | Description | | :--- | :--- | :--- | | **DATA+ (A)** | RS-485 Transmit/Receive High | Positive differential signal | | **DATA- (B)** | RS-485 Transmit/Receive Low | Negative differential signal | | **TX+ / TX-** | RS-422 Transmit | Dedicated send lines for 4-wire mode | | **RX+ / RX-** | RS-422 Receive | Dedicated receive lines for 4-wire mode | | **V+ / GND** | Power Supply | External DC power input | --- ### 4. Protective Components The "Industrial" grade of the ISC4A2 comes from these additional surface-mount parts: * **TVS Diodes (Transient Voltage Suppressors):** Protects against Electrostatic Discharge (ESD) and lightning surges. * **Resettable Fuses (PTC):** Protects the internal circuitry from over-current conditions. * **Termination Resistors:** Often selectable via internal jumpers (usually 120 ohms) to prevent signal reflection on long cable runs.
    ✨ Follow-up Questions
    • ⤷ What is the difference between isolated and non-isolated versions of the ISC4A2?
    • ⤷ How do I configure the baud rate for this specific module?
    • ⤷ Can the ISC4A2 be used for multi-drop RS-485 networks?