Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ISCN398E

  • AI
    The **ISCN398E** is a specific integrated circuit (IC) primarily used in the automotive and power management sectors. It belongs to a class of chips designed for high-side switching and monitoring within harsh environments. --- ### 1. Overview and Core Function The ISCN398E is an **Advanced Power Switch** or a **High-Side Switch**. Its primary job is to control the flow of electricity to a load (like a motor or a lamp) while providing extensive diagnostic feedback and protection against electrical faults. ### 2. Key Electronic Features | Feature | Description | | :--- | :--- | | **Logic Interface** | CMOS/TTL compatible inputs, allowing it to be controlled directly by a microcontroller (MCU). | | **Integrated Charge Pump** | Internally generates the necessary voltage to drive the N-Channel MOSFET used as the power switch. | | **Sense Output** | Provides a proportional current signal to the MCU for real-time current monitoring. | | **Thermal Shutdown** | Automatically turns off if the internal temperature exceeds safe limits. | | **Short-Circuit Protection** | Limits current or shuts down during a direct short to ground to prevent PCB fire. | --- ### 3. Detailed Component Architecture The device consists of several critical internal blocks: 1. **Power MOSFET:** The main switching element. It features low "On-Resistance" ($R_{DS(on)}$) to minimize heat dissipation during operation. 2. **Diagnostic Logic:** A dedicated pin (usually labeled `ST` or `IS`) that reports the status. It can signal: * Open Load (when the connected device is unplugged/broken). * Over-temperature. * Short-to-VCC or Ground. 3. **Clamping Circuit:** Protects the chip from inductive "kickback" spikes when switching off inductive loads like solenoids or relays. --- ### 4. Typical Application Circuit When designing with the ISCN398E, the circuit usually follows this structure: ```cpp // Logic Representation of the Connection [Microcontroller Output] ----> [IN Pin (ISCN398E)] [Battery +12V/24V] ----> [VCC Pin (ISCN398E)] [ISCN398E OUT Pin] ----> [Load (e.g., LED or DC Motor)] [IS Pin] ----> [MCU Analog-to-Digital Converter] ``` ### 5. Technical Specifications (General Range) * **Operating Voltage:** Typically 5V to 36V (standard automotive range). * **Standby Current:** Extremely low (micro-amp range) to prevent battery drain. * **ESD Protection:** Built-in protection against electrostatic discharge, critical for automotive reliability.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the ISCN398E?
    • ⤷ How does the current sensing accuracy of this chip compare to external shunt resistors?
    • ⤷ What is the maximum operating temperature range for this component?