Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ISCNH09P

  • AI
    The **ISCNH09P** is a high-precision Current Sensor based on the Hall Effect principle (specifically the Closed-Loop technology). It is widely used in industrial automation, power electronics, and solar energy systems to measure DC, AC, and pulsed currents with galvanic isolation. --- ### 1. Technical Specifications The following table summarizes the primary electrical characteristics of the ISCNH09P: | Parameter | Specification | | :--- | :--- | | **Primary Nominal Current ($I_{pn}$)** | 9A | | **Measuring Range ($I_{pm}$)** | 0 to ±15A (Typical) | | **Secondary Nominal Current ($I_{sn}$)** | 25mA | | **Supply Voltage ($V_c$)** | ±12V to ±15V (±5%) | | **Accuracy** | ±0.5% to ±0.7% at $I_{pn}$ | | **Linearity** | < 0.1% | | **Response Time ($t_r$)** | < 1 µs | | **Dielectric Strength** | 2.5kV to 3kV (50Hz, 1 min) | --- ### 2. Internal Electronic Structure The device operates using **Closed-Loop Hall Effect** technology. Here is the breakdown of its internal operation: 1. **Magnetic Core:** Concentrates the magnetic flux generated by the primary current. 2. **Hall Element:** Positioned in the air gap of the core to detect the magnetic field. 3. **Error Amplifier:** An internal operational amplifier that processes the Hall voltage. 4. **Secondary Coil:** The amplifier drives a compensation current through this coil to create an opposing magnetic field, effectively "canceling out" the primary flux (Zero-Flux method). 5. **Output:** The secondary current is exactly proportional to the primary current, reduced by the number of secondary turns ($N_s$). --- ### 3. Connection and Circuit Integration To integrate the ISCNH09P into an electronic circuit, you typically use a burden resistor ($R_m$) to convert the output current into a measurable voltage. #### Typical Wiring Diagram Logic ```text [V+] ----> Positive Power Supply (+15V) [V-] ----> Negative Power Supply (-15V) [M] ----> Output Terminal (Measuring point) [0V] ----> Ground/Common Reference ``` #### Calculating Output Voltage If you want to read the current with a Microcontroller (0-5V ADC), you use the following formula for the measuring resistor: `V_out = I_sn * R_m` --- ### 4. Key Advantages * **High Dynamic Performance:** Extremely fast response time suitable for protecting sensitive IGBTs. * **Thermal Stability:** Low temperature drift ensures accuracy across industrial temperature ranges. * **High Immunity:** Excellent rejection of external magnetic interference. ---
    ✨ Follow-up Questions
    • ⤷ What is the conversion ratio (turns ratio) for the ISCNH09P?
    • ⤷ How do I select the optimal burden resistor (Rm) to prevent saturation?
    • ⤷ Can the ISCNH09P be used with a single-ended 5V power supply?