Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ISCZP80

  • AI
    The **ISCZP80** is an industrial-grade integrated circuit, commonly associated with Zilog Z80-compatible microprocessor architectures used in embedded systems, legacy computing, and industrial control modules. --- ### 1. General Specifications The ISCZP80 (often identified as a variant of the **Z80 CPU**) is an 8-bit microprocessor designed for high-reliability environments. | Feature | Specification | | :--- | :--- | | **Architecture** | 8-bit CMOS / NMOS | | **Address Bus** | 16-bit (64 KB addressable space) | | **Data Bus** | 8-bit | | **Clock Speed** | Typically 2.5 MHz to 10 MHz (depending on suffix) | | **Package Type** | DIP-40 or PLCC-44 | | **Voltage Supply** | +5V DC | --- ### 2. Core Electronic Components & Architecture The electronic internal structure of the ISCZP80 consists of several functional blocks that manage data processing and hardware interfacing: #### A. The Register Set * **Main Registers:** Includes the Accumulator (A) and Flag register (F), along with general-purpose registers (B, C, D, E, H, L). * **Index Registers:** IX and IY allow for flexible memory addressing. * **Special Purpose:** Stack Pointer (SP), Program Counter (PC), and the Interrupt vector register (I). #### B. Arithmetic Logic Unit (ALU) The ALU performs the actual electronic computations. It handles 8-bit arithmetic (add, subtract) and logical operations (AND, OR, XOR) as well as bit manipulation. #### C. Control Unit This acts as the "brain" of the chip, decoding instructions fetched from memory and generating the electronic timing signals required to execute them. --- ### 3. Pinout and Signal Description The device uses 40 pins to communicate with external electronic components: 1. **Address Bus (A0–A15):** Tri-state outputs used to select memory locations or I/O ports. 2. **Data Bus (D0–D7):** Bi-directional lines for data transfer. 3. **System Control:** * `MREQ`: Indicates memory requests. * `IORQ`: Indicates Input/Output requests. * `RD` / `WR`: Read and Write strobes. 4. **CPU Control:** * `WAIT`: Allows slow memory to synchronize with the CPU. * `INT` / `NMI`: Interrupt request lines for peripheral communication. * `RESET`: Forces the CPU to restart at address 0000h. --- ### 4. Hardware Implementation Example In a typical electronic circuit, the ISCZP80 requires support chips to function: ```c /* Basic Z80 Initialization Sequence (Assembly Logic) */ LD SP, 0xFFFF ; Initialize Stack Pointer to top of memory IM 1 ; Set Interrupt Mode 1 OUT (0x01), A ; Send data in Accumulator to I/O Port 1 HALT ; Wait for an external interrupt ``` --- ### 5. Common Applications * **Industrial Controllers:** Used in PLCs (Programmable Logic Controllers) due to its predictable timing. * **Legacy Hardware:** Maintenance of older CNC machinery and medical devices. * **Educational Kits:** Teaching low-level machine architecture and assembly language.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the CMOS and NMOS versions of the Z80 architecture?
    • ⤷ How does the ISCZP80 handle hardware interrupts compared to modern microcontrollers?
    • ⤷ What specific power supply considerations are needed for an ISCZP80 circuit design?