Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ISD1016API

  • AI
    ## Overview of the ISD1016API The **ISD1016API** is a single-chip Voice Record/Playback device manufactured by Information Storage Devices (now part of Nuvoton). It belongs to the **ISD1000A** family and is designed for high-quality, single-chip voice storage using proprietary **DAST** (Direct Analog Storage Technology). ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Duration** | 16 Seconds | | **Sampling Rate** | 8.0 kHz | | **Passband** | 3.4 kHz | | **Supply Voltage** | +5V (Single Supply) | | **Storage Type** | EEPROM-based (Non-volatile) | | **Package Type** | 28-pin DIP (Plastic) | --- ### Internal Architecture and Components The ISD1016API is highly integrated, containing all the necessary components for an analog recording system on a single silicon die: 1. **Microphone Preamplifier:** Includes an Automatic Gain Control (AGC) circuit to normalize input levels. 2. **Anti-Aliasing/Smoothing Filters:** Active filters that prevent distortion during recording and smooth the signal during playback. 3. **Analog Storage Array:** Unlike digital chips that convert sound to 0s and 1s, this chip stores analog levels directly in EEPROM cells. 4. **Speaker Driver:** A built-in differential amplifier capable of driving a 16Ω speaker directly. 5. **Internal Clock:** An on-chip oscillator provides the timing, eliminating the need for external crystal oscillators. --- ### Pin Configuration Summary | Pin No. | Name | Description | | :--- | :--- | :--- | | **1-8, 10-12** | A0 - A10 | **Address Inputs:** Sets the starting point for record/playback. | | **27** | P/R | **Playback/Record:** High = Playback, Low = Record. | | **23** | CE | **Chip Enable:** Must be pulsed Low to initiate a cycle. | | **24** | PD | **Power Down:** High puts the chip into low-power standby. | | **17, 18** | SP+, SP- | **Speaker Outputs:** Direct connection to a speaker. | | **20** | MIC | **Microphone Input:** Analog input for voice signals. | | **25** | EOM | **End of Message:** Pulse signal indicating a message has ended. | --- ### How DAST Technology Works The core innovation of the ISD1016API is **DAST (Direct Analog Storage Technology)**. * **Traditional Method:** Sound → ADC → Digital Memory (Flash) → DAC → Sound. * **ISD Method:** Sound → Analog Memory (EEPROM) → Sound. By storing the analog voltage level directly into non-volatile memory cells, the chip avoids quantization noise and eliminates the need for complex digital signal processing (DSP). This results in a very natural-sounding voice reproduction despite the low sampling frequency. --- ### Basic Application Circuit To operate the ISD1016API, a minimal number of external components are required: ```text 1. VCC (Pin 28) -> +5V DC 2. GND (Pin 13, 14) -> 0V 3. Microphone -> Pin 20 (via 0.1uF Capacitor) 4. Speaker -> Pins 17 and 18 5. Control Logic -> Connect CE and P/R to a Microcontroller or Switches. ```
    ✨ Follow-up Questions
    • ⤷ How does the addressing system work for playing back specific message segments?
    • ⤷ What are the power consumption levels during active and standby modes?
    • ⤷ Can multiple ISD1016 chips be cascaded for longer recording durations?