Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • ISL854102DEMO2Z

  • AI
    ## Overview of the ISL854102DEMO2Z The **ISL854102DEMO2Z** is a demonstration board designed by Renesas (formerly Intersil) to showcase the capabilities of the **ISL854102**. This integrated circuit is a high-efficiency, synchronous step-down (buck) regulator that features integrated high-side and low-side MOSFETs. --- ### Core Electronic Components The board is populated with several critical components that allow the ISL854102 to function as a complete power supply. | Component Category | Description | Primary Function | | :--- | :--- | :--- | | **Integrated Circuit** | ISL854102 (Leadless TDFN Package) | The main synchronous buck controller with internal FETs. | | **Inductor** | Power Inductor (SMD) | Stores energy during the switching cycle to provide steady output current. | | **Input Capacitors** | Ceramic MLCCs | Filters high-frequency noise and stabilizes the input voltage ($V_{IN}$). | | **Output Capacitors** | Low ESR Ceramic MLCCs | Reduces output voltage ripple and ensures load transient stability. | | **Feedback Resistors** | Precision Resistor Divider | Sets the specific output voltage ($V_{OUT}$) by scaling it for the FB pin. | | **Soft-Start Cap** | Small Ceramic Capacitor | Controls the ramp-up speed of the output voltage to prevent inrush current. | --- ### Key Technical Specifications The demo board is configured to highlight the wide input range and efficiency of the ISL854102. * **Input Voltage Range:** 3V to 40V. * **Output Current:** Up to 1.2A. * **Switching Frequency:** Fixed at 500kHz (internally). * **Efficiency:** Up to 95% depending on load and voltage differential. * **Protection Features:** * Overcurrent Protection (OCP). * Over-Temperature Protection (OTP). * Undervoltage Lockout (UVLO). --- ### Circuit Configuration Details The ISL854102DEMO2Z utilizes a specific layout to handle thermal dissipation and signal integrity: 1. **Synchronous Rectification:** Because the Low-Side FET is integrated, the board does not require an external Schottky diode, reducing part count and increasing efficiency. 2. **Internal Compensation:** The IC is internally compensated, which simplifies the board design by removing the need for an external RC network on the COMP pin. 3. **BOOT Capacitor:** A small capacitor is connected between the BOOT and PHASE pins to provide the necessary gate drive voltage for the High-Side MOSFET. 4. **FSYNC Pin:** The board includes headers to allow the user to synchronize the switching frequency to an external clock or to enable/disable the device. --- ### Applications * Industrial Power Supplies. * Telecommunication Equipment. * Automotive Distributed Power Systems. * General purpose 24V bus regulation.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the feedback resistor values to change the output voltage on this board?
    • ⤷ What is the thermal performance of the ISL854102 at its maximum 1.2A current?
    • ⤷ Can this demo board be used for inverted (negative) output voltage applications?