Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • J-100-R

  • AI
    The **J-100-R** is a high-performance, single-axis digital servo driver (often associated with manufacturers like JMC or specialized CNC industrial suppliers). It is designed to bridge the gap between simple stepper motor control and high-end industrial AC servo systems. Below is a breakdown of its electronic components, specifications, and connectivity. --- ### 1. Technical Specifications The electronics of the J-100-R are centered around a 32-bit DSP (Digital Signal Processor) which allows for high-speed calculation of vector control loops. | Feature | Specification | | :--- | :--- | | **Input Voltage** | 20V - 50V DC (Typical 36V) | | **Continuous Current** | 6.0 Amps | | **Peak Current** | 15.0 Amps | | **Logic Signal Current** | 7mA - 20mA | | **Pulse Input Frequency** | 0 - 200kHz | | **Insulation Resistance** | 500MΩ | --- ### 2. Core Electronic Components The J-100-R consists of several functional electronic blocks: #### A. Power Stage (Inverter) * **MOSFET/IGBT Bridge:** Converts DC input into 3-phase AC power to drive the motor. * **Bus Capacitor:** A high-capacity electrolytic capacitor used to smooth voltage ripples and handle regenerative energy during braking. #### B. Control Logic (The "Brain") * **DSP Chip:** Handles the PID (Proportional-Integral-Derivative) loop, processing position, velocity, and current loops at microsecond intervals. * **Optocouplers:** The pulse (`PUL`), direction (`DIR`), and enable (`ENA`) inputs are optically isolated to prevent electrical noise from the high-voltage side from damaging the controller (PLC/Arduino). #### C. Feedback Interface * **Encoder Port:** Typically supports incremental encoders (A/B phase). The electronics process these signals to ensure "closed-loop" performance, meaning the driver knows exactly if a step was missed and corrects it instantly. --- ### 3. Connection Pinout The unit features two main sets of terminals: #### Control Signal Terminals | Pin Name | Function | Description | | :--- | :--- | :--- | | **PUL+ / PUL-** | Pulse Input | Controls the speed and distance of the motor. | | **DIR+ / DIR-** | Direction Input | Controls clockwise or counter-clockwise rotation. | | **ENA+ / ENA-** | Enable Input | Turns the motor power on or off. | | **ALM+ / ALM-** | Alarm Output | Sends a signal to the controller if a fault occurs. | #### Power and Motor Terminals | Pin Name | Function | | :--- | :--- | | **VCC / GND** | DC Power Input (20-50VDC). | | **A+ / A- / B+ / B-** | Motor Phase Outputs (for stepper-based hybrids). | --- ### 4. Protection Circuitry The onboard electronics include several safety monitors: * **Overcurrent Protection:** Shuts down the output if the motor draws too much current. * **Overvoltage Protection:** Prevents damage from back-EMF during rapid deceleration. * **Tracking Error:** If the physical position deviates too far from the commanded position, the driver triggers an alarm. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific encoder resolution settings for the J-100-R?
    • ⤷ How do I wire the J-100-R to a 5V vs a 24V PLC signal?
    • ⤷ Can the J-100-R be configured via software or only via physical DIP switches?