Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • J-50-R

  • AI
    The **J-50-R** typically refers to a high-performance **Brushless DC (BLDC) Outrunner Motor**, commonly used in large-scale RC aircraft, industrial drones, or electric paramotors. Below is an explanation of its electronic components and operational requirements. --- ### 1. Core Electronic Components The internal structure of the J-50-R relies on electromagnetic principles to convert electrical energy into mechanical torque. | Component | Description | Material/Function | | :--- | :--- | :--- | | **Stator** | The stationary internal part. | Composed of high-quality silicon steel laminations with copper windings. | | **Rotor (Bell)** | The rotating outer shell. | Houses high-strength Neodymium (NdFeB) magnets. | | **Windings** | Insulated copper wire coils. | Arranged in a three-phase configuration (U, V, W). | | **Bearings** | Precision mechanical interfaces. | Usually high-speed NMB or NSK ball bearings to reduce friction. | | **Shaft** | The central rotating axis. | Typically made of hardened steel or titanium alloy. | --- ### 2. Operational Electronic Parameters To drive the J-50-R, several electronic specifications must be matched by the system's power source and controller: * **KV Rating:** Represents RPM per volt. A lower KV (e.g., 170KV - 300KV) indicates high torque for large propellers, while a higher KV indicates higher speed. * **Input Voltage (LiPo Cells):** Usually rated for **6S to 12S LiPo** (22.2V - 44.4V). * **Max Current (Amps):** The peak current the windings can handle before heat damages the insulation (often 60A - 100A+ depending on the specific revision). * **Phase Resistance:** Measured in Ohms; lower resistance signifies higher efficiency and less heat generation. --- ### 3. Required External Electronics The J-50-R cannot run directly from a battery; it requires a specific electronic ecosystem: #### Electronic Speed Controller (ESC) The ESC acts as the "brain." It takes DC power from the battery and converts it into **three-phase AC** to pulse the motor windings. * **Requirement:** Must be a Brushless ESC rated for the motor's max amperage. * **Timing:** Needs to be programmed (usually medium to high) to ensure the rotor magnets sync perfectly with the stator's magnetic field. #### Power Source * **Battery:** High-discharge Lithium Polymer (LiPo) or Li-ion packs. * **Connectors:** Usually 4mm to 6mm gold-plated bullet connectors are used to handle the high current flow between the motor and ESC. --- ### 4. Technical Wiring Diagram Logic The motor has three wires (usually Black, Red, and Yellow/Blue). Since it is a 3-phase AC system: 1. Connecting the three wires to the ESC allows it to spin. 2. **Direction Control:** To reverse the rotation, any two of the three wires are swapped.
    ✨ Follow-up Questions
    • ⤷ What is the maximum thrust capacity of the J-50-R motor?
    • ⤷ Which ESC amperage is recommended for a 12S setup with this motor?
    • ⤷ How do I calculate the propeller size for a specific KV rating on the J-50-R?