Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • J3Z1-R

  • AI
    The **J3Z1-R** refers to a specific series of high-performance, high-voltage **DC-DC Power Modules**, typically manufactured by **TDK-Lambda** (Densei-Lambda). These components are primarily used as DC-DC converters designed for industrial and telecommunications applications where space is limited and reliability is paramount. --- ### 1. Key Technical Specifications The "J3Z" series is known for its high power density and specific isolation characteristics. Below are the general specifications for this class of electronic parts: | Feature | Description | | :--- | :--- | | **Input Voltage Range** | Typically wide-range DC (e.g., 36V - 76V for 48V systems) | | **Output Voltage** | Regulated DC (Commonly 3.3V, 5V, or 12V depending on suffix) | | **Mounting Type** | Through-hole (PCB Mount) | | **Topology** | High-frequency switching converter | | **Isolation** | Input-to-output isolation (standard 1.5kV DC or higher) | --- ### 2. Physical Characteristics The J3Z1-R is characterized by its compact, low-profile design. * **Encapsulation:** Usually fully potted or shielded to protect against environmental factors and electromagnetic interference (EMI). * **Thermal Management:** Designed for conduction cooling through the PCB or via an attached heatsink. * **Pinout:** Standard grid spacing for integration into industrial motherboards. --- ### 3. Core Functional Blocks Inside the J3Z1-R module, several electronic sub-systems work together: 1. **Input Filter:** Suppresses spikes and prevents noise from the module from feeding back into the main power line. 2. **PWM Controller:** A Pulse Width Modulation IC that manages the switching frequency to maintain a steady output voltage regardless of load changes. 3. **Switching MOSFETs:** High-speed transistors that convert the DC input into a high-frequency AC signal for the transformer. 4. **Isolation Transformer:** Provides the safety barrier and scales the voltage level. 5. **Rectification & Smoothing:** Converts the AC back to clean DC for the output pins. --- ### 4. Common Applications * **Telecommunications:** Powering logic boards from a -48V DC bus. * **Industrial Automation:** Distributing power within PLC (Programmable Logic Controller) systems. * **Data Servers:** Localized voltage regulation (Point-of-Load) for specific hardware components. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact input/output voltage rating for the J3Z1-R model?
    • ⤷ Can you provide a pinout diagram description for this module?
    • ⤷ What are the recommended thermal cooling methods for J3Z series converters?