Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JAAN-R

  • AI
    The **JAAN-R** (Joint Army-Navy nomenclature for Radio) system, while often associated with historical military radio standards, specifically refers to the **Joint Army-Navy (JAN)** specifications for electronic components. These standards were established to ensure reliability, durability, and interchangeability of parts used in military equipment. Below is an explanation of the electronic parts associated with the JAN (often suffixed with -R for Resistors or Rectifiers in specific contexts) standards. --- ### 1. The JAN Specification System The JAN prefix was a quality assurance mark. When an electronic part was stamped "JAN," it meant the component had passed rigorous testing for military use, including thermal shock, moisture resistance, and vibration testing. | Component Type | Common JAN Prefix | Typical Application | | :--- | :--- | :--- | | **Vacuum Tubes** | JAN-7044, JAN-12AU7 | Amplification and signal processing in vintage radar and radio. | | **Resistors** | JAN-R-11, JAN-R-26 | Precision power distribution and signal biasing. | | **Semiconductors** | JAN-1N4001, JAN-2N2222 | Rectification and switching in solid-state circuits. | | **Capacitors** | JAN-C-5 | Energy storage and filtering in power supplies. | --- ### 2. Key Categories of "R" Designated Parts In the context of the JAAN-R framework, the "R" often specifically points to **Resistors** or **Rectifiers**. #### A. Resistors (JAN-R Series) Military-grade resistors were built to much tighter tolerances than commercial parts. * **Fixed Composition (JAN-R-11):** Used for general-purpose applications where stability over time was more important than extreme precision. * **Wirewound (JAN-R-26):** Designed for high-wattage applications; these parts can dissipate significant heat without failing. #### B. Rectifiers and Diodes The transition from vacuum tube rectifiers to solid-state (silicon/germanium) rectifiers was a major part of the JAN evolution. * **JAN-1N Series:** These are standardized diodes. For example, a `JAN-1N4148` is a high-speed switching diode tested to military environmental standards. --- ### 3. Construction Characteristics Parts designated under this system differ from consumer electronics in several ways: 1. **Hermetic Sealing:** Many JAN-R parts are glass-to-metal or ceramic-to-metal sealed to prevent moisture ingress. 2. **Temperature Range:** While consumer parts might operate from $0^\circ C$ to $70^\circ C$, JAN parts are typically rated for $-55^\circ C$ to $+125^\circ C$. 3. **Traceability:** Every part carries a lot date code (LDC) to track manufacturing defects back to the factory. --- ### 4. Identification Example If you encounter a part labeled under these standards, the marking usually follows this logic: ```text [JAN] [Type Designator] [Value/Rating] [Tolerance] Example: JAN-R-11-RC20GF102K - JAN: Joint Army-Navy Standard - R-11: Specification for Fixed Composition Resistors - 102: Resistance Value (1000 Ohms) - K: Tolerance (±10%) ```
    ✨ Follow-up Questions
    • ⤷ What are the modern equivalents to JAN specifications in current military hardware?
    • ⤷ How does the JAN-R-11 resistor differ from a standard carbon film resistor?
    • ⤷ Can JAN-certified vacuum tubes be used in modern high-fidelity audio equipment?