Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JAPD2-3J-R

  • AI
    The **JAPD2-3J-R** is a specific technical component part number, most commonly associated with **circular connectors** or **junction adapters** used in industrial automation and sensor applications. Below is a detailed breakdown of its technical characteristics and typical specifications. --- ## 1. Component Overview The JAPD2-3J-R is primarily used as a **Y-Splitter** or **T-Coupler**. Its main function is to split a single signal or power line into two branches, typically used for connecting multiple sensors or actuators to a single I/O port. ### Technical Specifications | Feature | Description | | :--- | :--- | | **Connector Type** | M12 Circular Connector | | **Configuration** | 1 Male to 2 Female (Y-Splitter) | | **Number of Poles** | 3-Pin / 3-Pole | | **Coupling Nut** | Threaded (usually M12 x 1.0) | | **Ingress Protection** | IP67 or IP68 (Dust-tight, Water immersion) | | **Voltage Rating** | Typically 60V AC / 75V DC | | **Current Rating** | ~4A per contact | --- ## 2. Pinout and Internal Wiring In a 3-pin configuration (common for DC sensors), the wiring usually follows a parallel architecture: * **Pin 1 (Brown):** Positive (+) - Shared across all connectors. * **Pin 3 (Blue):** Negative (-) - Shared across all connectors. * **Pin 4 (Black):** Signal/Output - Split or shared depending on the specific internal logic. ### Internal Diagram (Simplified) ```text Connector A (Male) -----> Branch 1 (Female) L----> Branch 2 (Female) ``` --- ## 3. Key Electronic Features * **Ruggedization:** Designed for harsh environments, featuring resistance to oils, chemicals, and mechanical vibration. * **Shielding:** Many "R" suffix models (like -R) indicate improved shielding or specific RoHS compliance (Restriction of Hazardous Substances). * **Gold-Plated Contacts:** Most units use gold-plated brass contacts to prevent oxidation and ensure low contact resistance over time. --- ## 4. Typical Applications 1. **Sensor Distribution:** Connecting two proximity switches to one PLC input module. 2. **Actuator Power:** Splitting power to two small valves or LED indicators. 3. **Fieldbus Systems:** Used in basic branching for CANbus or DeviceNet architectures where 3-pole simplified wiring is required. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting torque requirements for the M12 threads on the JAPD2-3J-R?
    • ⤷ Does this model support high-frequency data transmission or is it limited to DC power/signals?
    • ⤷ What is the operating temperature range for this specific junction adapter?