Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JAPD2-4WR-R

  • AI
    The **JAPD2-4WR-R** is a high-performance **2-Way 0° Power Splitter/Combiner** manufactured by Mini-Circuits. It is specifically designed for surface-mount applications requiring wideband frequency coverage and high power handling. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the JAPD2-4WR-R: | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 2000 to 4500 MHz | | **Insertion Loss (Above 3dB)** | 0.4 dB (Typical) | | **Isolation** | 20 dB (Typical) | | **Phase Unbalance** | 3.0 Degrees (Max) | | **Amplitude Unbalance** | 0.20 dB (Max) | | **Input Power (as Splitter)** | 20W Max | | **Internal Dissipation** | 1.0W Max | --- ### 2. Core Functional Components The internal electronic architecture of this part relies on the following principles: * **Microstrip/Stripline Circuitry:** The device uses precision-etched transmission lines on a high-frequency substrate to manage impedance (typically 50 Ohms) across the wide bandwidth. * **Isolation Resistor:** A high-quality internal thin-film resistor is used to provide isolation between the output ports. This ensures that a signal reflecting back into Port 1 does not significantly leak into Port 2. * **Impedance Matching Network:** The physical layout is optimized to maintain a low Voltage Standing Wave Ratio (VSWR), minimizing signal reflections that could damage sensitive RF power amplifiers. --- ### 3. Physical & Environmental Features * **Package Type:** It uses a small, low-profile surface-mount package (often the JB1233 case style), which is conducive to automated "pick and place" assembly. * **RoHS Compliant:** The "R" suffix in the part number typically denotes RoHS compliance, meaning it is manufactured without hazardous substances like lead. * **Operating Temperature:** Designed to operate in harsh environments, typically ranging from **-55°C to +100°C**. --- ### 4. Common Applications 1. **MIMO Systems:** Splitting signals for multiple-input multiple-output antenna arrays. 2. **Test and Measurement:** Distributing a reference clock or signal to two different measurement instruments. 3. **Signal Combiner:** Using the device in reverse to combine two low-power signals into a single output for transmission. 4. **Defense & Radar:** Utilized in S-band radar applications due to its frequency range (2-4.5 GHz).
    ✨ Follow-up Questions
    • ⤷ What is the maximum VSWR rating for the JAPD2-4WR-R?
    • ⤷ Can this part be used in a 75-ohm system without an adapter?
    • ⤷ How does the isolation value affect the performance of a MIMO system?