Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JAPD2-DA-R

  • AI
    ## Overview of JAPD2-DA-R The **JAPD2-DA-R** is a specific electronic module primarily associated with **Industrial Automation and Motion Control systems**. It is typically classified as a **Digital-to-Analog (D/A) Conversion Module** designed for high-precision control of peripheral devices like motor drives, actuators, or process controllers. --- ### Core Specifications and Features | Component/Feature | Technical Detail | | :--- | :--- | | **Module Type** | Digital-to-Analog Converter (D/A) | | **Output Channels** | Typically 2 Channels (indicated by "D2") | | **Resolution** | High-bit resolution (often 12-bit or 16-bit) | | **Output Signals** | Voltage (e.g., 0–10V, ±10V) or Current (e.g., 4–20mA) | | **Interface** | Proprietary bus connector for PLC/Controller integration | | **Mounting** | DIN-rail or Rack-mount depending on the series | --- ### Key Electronic Sub-systems The internal architecture of the JAPD2-DA-R consists of several critical electronic stages: #### 1. Digital Interface & Isolation * **Bus Interface:** Receives digital control words from the main CPU or PLC. * **Opto-Isolators:** Protects the sensitive logic circuits from high-voltage spikes or noise originating from the analog output side. #### 2. D/A Conversion Core * **Precision DAC Chip:** Converts binary data into a proportional analog voltage level. * **Voltage Reference:** A highly stable internal reference diode ensures that the output does not drift with changes in ambient temperature. #### 3. Signal Conditioning & Output Stage * **Operational Amplifiers (Op-Amps):** Used to buffer the signal and scale it to the required industrial ranges (e.g., boosting a 0-5V internal signal to a -10V to +10V range). * **Protection Circuitry:** Includes TVS diodes or fuses to protect against short circuits or reverse polarity on the output terminals. --- ### Typical Applications 1. **Variable Frequency Drives (VFD):** Providing a speed reference signal (0-10V) to a motor controller. 2. **Proportional Valves:** Controlling the flow of fluids in hydraulic or pneumatic systems. 3. **Process Control:** Sending setpoints to temperature controllers or heaters.
    ✨ Follow-up Questions
    • ⤷ What are the wiring diagrams for the voltage vs current output modes?
    • ⤷ Is this module compatible with the JAPMC-series controllers?
    • ⤷ How do you calibrate the offset and gain for this specific D/A module?