Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JAPD2-FA-R

  • AI
    The **JAPD2-FA-R** is a specific electronic component, typically categorized as a **Terminal Block** or a **Power Distribution Module**, often utilized in industrial automation and control panel wiring. It is part of a series designed to facilitate organized and secure electrical connections. --- ### 1. Technical Specifications Below is a breakdown of the typical technical attributes for this component: | Feature | Specification | | :--- | :--- | | **Component Type** | Terminal Block / Distribution Board | | **Termination Method** | Screw or Spring Clamp (depending on specific sub-series) | | **Mounting Type** | DIN Rail Mounting (Standard 35mm) | | **Material** | Polyamide (PA66) / UL 94 V-0 Flame Retardant | | **Current Rating** | Typically 10A - 32A (model dependent) | | **Voltage Rating** | 250V - 600V AC/DC | --- ### 2. Key Electronic Functions The JAPD2-FA-R serves several critical roles in an electronic assembly: * **Signal Distribution:** It acts as a hub to split a single incoming power or signal line into multiple outgoing paths without the need for messy wire splicing. * **Circuit Protection:** Many units in this series include integrated fuse holders or LED indicators to signal the status of a circuit or protect against overcurrent. * **Modular Design:** The "R" in the suffix often denotes a specific orientation or a rail-mounted configuration, allowing engineers to snap the part onto a standard industrial chassis. --- ### 3. Connection Layout Example To interface with this part in a system, the wiring logic generally follows this structure: ```cpp // Schematic representation of connection logic Input_Power (+) ----> [ JAPD2-FA-R ] ----> Output_1 (Sensor) ----> Output_2 (Actuator) ----> Output_3 (PLC Input) Common_GND (-) ----> [ Common Bus ] ----> Return_Path ``` --- ### 4. Typical Applications 1. **PLC Wiring:** Used to distribute 24V DC power to various sensors and switches in an automated factory line. 2. **Control Cabinets:** Organizes the complex "rat's nest" of wires into a clean, labeled interface. 3. **HVAC Systems:** Used for centralizing control signals for fans, compressors, and thermostats.
    ✨ Follow-up Questions
    • ⤷ What is the maximum wire gauge (AWG) supported by the JAPD2-FA-R?
    • ⤷ Does this specific model include integrated LED status indicators?
    • ⤷ How does the JAPD2-FA-R differ from the JAPD1 series?