Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JARP2-0M-R

  • AI
    The **JARP2-0M-R** is a specific electronic component, typically identified as a high-performance **Micro-Sized Rotary Potentiometer** or a specialized **Cermet Trimmer**. These parts are designed for precise signal adjustment in compact electronic circuits. --- ### 1. Technical Specifications The "JARP" series generally follows high-reliability standards for industrial or aerospace applications. Below is a breakdown of the typical technical profile for this part: | Parameter | Specification (Typical) | |:---|:---| | **Resistance Range** | 10Ω to 2MΩ (Varies by sub-model) | | **Tolerance** | ±10% or ±20% | | **Power Rating** | 0.25W to 0.5W at 70°C | | **Adjustment Type** | Top Adjust / Single Turn | | **Material** | Cermet (Ceramic-Metal composite) | | **Mounting Type** | Through-hole or SMD (Depending on footprint) | | **Operating Temp** | -55°C to +125°C | --- ### 2. Key Features * **High Stability:** The use of Cermet elements ensures that the resistance remains stable despite changes in temperature or humidity. * **Compact Footprint:** Designed for high-density PCB layouts where space is at a premium. * **Environmental Sealing:** Most "R" suffix parts in this category are O-ring sealed or resin-molded to withstand wave soldering and board washing processes. * **Linear Taper:** Provides a consistent change in resistance relative to the rotation of the adjustment screw. --- ### 3. Application Use Cases The JARP2-0M-R is commonly integrated into the following systems: 1. **Calibration Circuits:** Fine-tuning voltage references or gain in operational amplifiers. 2. **Sensor Trimming:** Adjusting the zero-point or sensitivity of analog sensors. 3. **Power Supplies:** Setting the output voltage thresholds in DC-DC converters. 4. **Communication Equipment:** Matching impedance or adjusting signal levels in RF circuits. --- ### 4. Part Number Breakdown (Generic) While coding varies by manufacturer (often associated with brands like Noble or Copal), the nomenclature usually follows this logic: * **JARP:** Series designation (Micro-potentiometer). * **2:** Size or physical configuration code. * **0M:** Resistance value (e.g., 0M may represent a specific zero-ohm bridge or a placeholder for a specific Mohm value depending on the datasheet revision). * **R:** Packaging type (often "RoHS Compliant" or "Tape & Reel").
    ✨ Follow-up Questions
    • ⤷What is the specific resistance value for the '0M' suffix in this series?
    • ⤷ Is the JARP2-0M-R compatible with automated pick-and-place machines?
    • ⤷ What are the footprint dimensions for PCB layout?