Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JARP2-6J-R

  • AI
    The **JARP2-6J-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a specialized passive component often found in high-reliability automotive or industrial circuits. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Component Overview The "JARP" series generally refers to high-current, shielded power inductors. These are designed to store energy in a magnetic field while filtering out high-frequency noise in power management systems. | Attribute | Specification Details | | :--- | :--- | | **Component Type** | Fixed Inductor (SMD) | | **Series** | JARP (High Current/Automotive Grade) | | **Core Material** | Composite Magnetic Iron Powder / Ferrite | | **Shielding** | Magnetically Shielded (prevents EMI) | | **Mounting Type** | Surface Mount (SMT) | --- ### 2. Key Technical Specifications Based on standard nomenclature for this part number, the electronic properties are typically as follows: * **Inductance Value:** The "6" in the part number often denotes the inductance value (commonly **6.0µH to 6.8µH** depending on the specific manufacturer's coding). * **Tolerance:** Usually **±20% (M)** or **±10% (K)**. * **Saturation Current ($I_{sat}$):** High saturation levels, allowing the inductor to maintain its properties even under heavy load. * **DC Resistance (DCR):** Optimized to be very low to minimize power loss and heat generation. --- ### 3. Application Areas These parts are engineered for environments where stability and efficiency are critical: 1. **DC/DC Converters:** Used as the primary energy storage element in buck or boost converters. 2. **Automotive Systems:** Often used in ECU (Engine Control Units), ADAS sensors, and infotainment systems due to high heat resistance. 3. **Power Supplies:** Used in VRM (Voltage Regulator Modules) for servers and industrial PCs. --- ### 4. Physical Construction The "R" suffix often indicates compliance or packaging (e.g., **RoHS Compliant** or **Tape & Reel** packaging). ```yaml Construction_Details: Body: Molded magnetic powder Terminals: Sn (Tin) plated copper Shielding: Integrated (Low EMI leakage) Reliability: High vibration and shock resistance ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the JARP2 series?
    • ⤷ How does the saturation current of the 6J-R compare to lower inductance models?
    • ⤷ Can you provide a footprint diagram for JARP2 SMD components?