Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JARP2-ZJ-R

  • AI
    ## Analysis of the JARP2-ZJ-R Electronic Component The **JARP2-ZJ-R** typically refers to a specialized power relay or industrial control component, commonly associated with brands like **Zanty** or similar industrial relay manufacturers. It is designed for switching high-current loads in automation and power management systems. --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic characteristics found in this series: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Power Relay / Magnetic Contactor | | **Contact Configuration** | 2 Form A (DPST-NO) or 2 Form C (DPDT) | | **Contact Material** | Silver Alloy (AgSnO2 or AgNi) | | **Rated Load (Resistive)** | 25A - 30A @ 250VAC / 28VDC | | **Coil Voltage Options** | 12VDC, 24VDC, 110VAC, 220VAC | | **Insulation Resistance** | 1,000 MΩ Min. (at 500VDC) | | **Dielectric Strength** | 2,500VAC (between coil and contacts) | --- ### 2. Physical and Pin Layout The "ZJ" and "R" suffixes often denote specific mounting styles and features: * **Mounting:** Usually features "Flange Mount" or "Quick-Connect" terminals (6.3mm tabs) for heavy-duty wiring. * **Protection:** The "R" suffix often indicates a **Resistor** or **Diode** integrated across the coil to suppress Voltage Spikes (back EMF), protecting the driving circuit. * **Housing:** Enclosed in a dust-proof or flux-proof plastic casing to prevent environmental contamination. --- ### 3. Functional Components A JARP2-ZJ-R relay consists of the following internal electronic parts: 1. **Electromagnetic Coil:** Converts electrical energy into a magnetic field to pull the armature. 2. **Armature/Spring Assembly:** The mechanical bridge that moves when the coil is energized. 3. **High-Current Contacts:** Heavy-duty silver-plated points designed to handle high inrush currents without welding. 4. **Suppression Circuit (Optional):** A built-in resistor or diode (indicated by the "R") to protect sensitive PLCs or microcontrollers from inductive kicks. --- ### 4. Common Applications Due to its high current rating and robust design, it is used in: * **HVAC Systems:** Controlling compressors and fan motors. * **Industrial Automation:** Actuating heavy solenoids or heaters. * **Power Supplies:** Serving as a main power disconnect or transfer switch. * **Electric Vehicle Charging:** Managing high-power AC lines.
    ✨ Follow-up Questions
    • ⤷ What is the specific coil voltage for your version of the JARP2-ZJ-R?
    • ⤷ Do you need the pinout diagram for this specific relay model?
    • ⤷ Are you looking for an equivalent replacement from brands like Omron or TE Connectivity?