Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JCS18N25RC-R-A

  • AI
    The **JCS18N25RC-R-A** is an N-Channel enhancement mode silicon gate power Field Effect Transistor (MOSFET). It is primarily designed for high-efficiency switch-mode power supplies and electronic lamp ballasts based on half-bridge topologies. --- ### 1. Key Technical Specifications | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | Drain-Source Voltage | $V_{DSS}$ | 250 | V | | Continuous Drain Current | $I_D$ | 18 | A | | Pulsed Drain Current | $I_{DM}$ | 72 | A | | Gate-Source Voltage | $V_{GS}$ | ±30 | V | | Drain-Source On-Resistance | $R_{DS(on)}$ | 0.14 (Max) | $\Omega$ | | Total Gate Charge | $Q_g$ | 45 | nC | --- ### 2. Physical and Structural Details * **Package Type:** Usually comes in a **TO-220MF** or similar isolated package, which is beneficial for reducing the need for external insulation sheets. * **Technology:** It utilizes **Self-Aligned Planar Technology**, which helps in achieving low on-resistance and high ruggedness. * **Safety Features:** Often includes an internal Zener diode for Gate-Source ESD protection (depending on specific sub-variants indicated by the "A" suffix). --- ### 3. Application Areas The device is optimized for high-speed switching and power handling in the following areas: 1. **Switching Power Supplies (SMPS):** Used in the primary side of DC-DC converters. 2. **Uninterruptible Power Supplies (UPS):** Efficient power inversion. 3. **LED Drivers & Ballasts:** High-frequency electronic ballasts for lighting. 4. **Motor Control:** Small to medium-sized DC motor drives. --- ### 4. Typical Operation Characteristics * **Low Gate Charge ($Q_g$):** Minimizes switching losses, allowing for higher frequency operation. * **Low $R_{DS(on)}$:** Reduces conduction losses, which in turn lowers heat dissipation and improves overall system efficiency. * **High Avalanche Energy:** The device is rated to withstand high energy pulses (UIS - Unclamped Inductive Switching), making it robust against voltage spikes.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacements for the JCS18N25RC-R-A?
    • ⤷ How does the 'RC-R-A' suffix change the component specifications?
    • ⤷ What is the maximum operating temperature for this MOSFET?