Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JFX1-11-R

  • AI
    The **JFX1-11-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Fused Resistor** or a specialized **Chip Fuse**, often associated with the **JFX series**. It is designed for circuit protection, combining the characteristics of a resistor with the safety function of a fuse. --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic characteristics of the JFX1-11-R: | Specification | Value/Description | | :--- | :--- | | **Component Type** | SMD Fuse / Fusing Resistor | | **Rated Current** | 1.0A - 1.1A (Series dependent) | | **Rated Voltage** | 32V - 63V DC (Typical) | | **Package Size** | 0603 or 1206 (Metric 1608/3216) | | **Mounting Type** | Surface Mount (SMT) | | **RoHS Compliant** | Yes (Lead-Free) | --- ### 2. Functional Description The JFX1-11-R serves two primary electronic roles in a circuit: 1. **Overcurrent Protection:** It acts as a sacrificial device. When the current exceeds the rated threshold (approximately 1.1A), the internal element melts, creating an open circuit to protect downstream components. 2. **Inrush Current Limitation:** Due to its resistive properties, it can help dampen small spikes in current during initial power-up, preventing "nuisance" blowing while still providing safety. --- ### 3. Physical Construction and Materials * **Substrate:** Usually high-purity alumina ceramic for heat dissipation and structural integrity. * **Terminations:** Silver (Ag) or Copper (Cu) base with a Nickel (Ni) barrier layer and a Tin (Sn) finish for excellent solderability. * **Marking:** The "R" in the suffix typically denotes **RoHS Compliance** or a specific **Reel packaging** standard for automated pick-and-place machines. --- ### 4. Common Applications The JFX1-11-R is frequently found in compact consumer electronics where space is limited but protection is critical: * **Mobile Devices:** Battery management systems (BMS) for smartphones and tablets. * **Computer Peripherals:** USB ports, HDMI interfaces, and docking stations. * **LCD Displays:** Protection for backlight drivers and logic boards. * **Power Adapters:** Low-voltage DC-to-DC conversion stages. --- ### 5. Selection Considerations When replacing or designing with this part, consider the following: * **Interrupting Rating:** Ensure the fuse can safely quench the arc generated during a short circuit at your specific operating voltage. * **Temperature Derating:** The 1.1A rating is usually at 25°C; if the device operates in a hot environment, the effective current rating will decrease.
    ✨ Follow-up Questions
    • ⤷ What is the exact melting I2t (Ampere-squared seconds) rating for this fuse?
    • ⤷ What are the footprint dimensions for the JFX1-11-R in millimeters?
    • ⤷ Can this component be used in AC voltage applications or is it DC only?