Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JFX1-14-R

  • AI
    The **JFX1-14-R** is a specific electronic hardware component, typically classified as a **Precision Leveling Wedge** or **Adjustable Leveling Foot** used in the mounting and stabilization of sensitive electronic equipment, industrial machinery, and high-precision instrumentation. --- ### 1. Technical Specifications The JFX series is known for providing fine height adjustments to ensure equipment is perfectly level, which is critical for CNC machines, laboratory scales, and automated optical inspection (AOI) systems. | Property | Specification Details | | :--- | :--- | | **Model Number** | JFX1-14-R | | **Component Type** | Leveling Wedge / Bolt-on Mount | | **Load Capacity** | Approximately 1,400 kg to 2,500 kg (varies by installation) | | **Adjustment Range** | Typically +5mm to -2mm (fine-thread precision) | | **Material** | Cast iron or high-tensile steel with corrosion resistance | | **Mounting Style** | Bolt-through (The "R" often signifies a specific radius or rubber pad) | --- ### 2. Key Features * **Vibration Isolation:** The "R" suffix often indicates the inclusion of a rubber damping pad at the base. This helps absorb high-frequency vibrations that could interfere with sensitive electronic circuits. * **Precision Leveling:** It allows for minute vertical adjustments without the need to lift the heavy machinery, using a lateral adjustment bolt. * **Lateral Stability:** Unlike standard threaded feet, the wedge design prevents "walking" or shifting of the machine during high-speed operations. --- ### 3. Application in Electronics Industry The JFX1-14-R is not an electronic component (like a resistor) but is essential infrastructure for electronic manufacturing: 1. **SMT Assembly Lines:** Used to level Surface Mount Technology (SMT) pick-and-place machines to ensure components are placed with micron-level accuracy. 2. **Cleanroom Equipment:** Often finished with nickel or chrome plating to meet cleanroom standards for semiconductor fabrication. 3. **Testing Benches:** Provides a stable, non-tilt platform for oscilloscopes, spectrum analyzers, and wafer probing stations. --- ### 4. Installation Overview ```text 1. Position the JFX1-14-R under the machine's mounting points. 2. Insert the anchor bolt through the machine base and the wedge. 3. Turn the side adjustment screw to raise or lower the wedge. 4. Once level, tighten the top nut to lock the position. ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum static load capacity for the JFX1-14-R?
    • ⤷ How does the 'R' suffix specifically affect vibration damping?
    • ⤷ Are there stainless steel versions of this part for chemical environments?