Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JFX1-20-R

  • AI
    The **JFX1-20-R** is a specific part number typically associated with high-precision, high-voltage film capacitors, often manufactured by companies like **Europtronic** or similar passive component specialists. These components are designed for demanding applications requiring stability and reliability. --- ### 1. Key Technical Specifications The part number "JFX1-20-R" typically breaks down into the following technical characteristics: | Parameter | Typical Specification | | :--- | :--- | | **Component Type** | Metallized Polypropylene Film Capacitor | | **Capacitance Value** | 20 µF (Microfarads) | | **Tolerance** | ±5% or ±10% (Commonly 'J' or 'K' class) | | **Voltage Rating** | High Voltage (often 250V to 630V DC or AC equivalent) | | **Termination** | Axial or Radial leads (depending on the specific series) | | **Operating Temp** | -40°C to +85°C / +105°C | ### 2. Physical Construction * **Dielectric:** It uses a **Polypropylene film**, which is known for having a very low dissipation factor and high insulation resistance. * **Metallization:** A thin layer of metal (usually Aluminum or Zinc) is vacuum-deposited onto the film, allowing the capacitor to have "self-healing" properties. * **Encapsulation:** Usually housed in a flame-retardant plastic case (UL 94V-0) and sealed with epoxy resin to protect against humidity and vibration. ### 3. Applications and Usage These parts are primarily found in high-fidelity audio equipment and power electronics: 1. **Audio Crossover Networks:** Used in high-end speakers to filter frequencies because they do not introduce significant harmonic distortion. 2. **Power Factor Correction (PFC):** Improving the efficiency of power supplies. 3. **Snubber Circuits:** Absorbing voltage spikes in switching power supplies to protect sensitive semiconductors. 4. **Coupling/Decoupling:** Blocking DC while allowing AC signals to pass with minimal signal loss. ### 4. Distinctive Features * **Self-Healing:** If a dielectric breakdown occurs, the metallized layer evaporates around the point of failure, preventing a short circuit. * **Low ESR/ESL:** Low Equivalent Series Resistance and Inductance make it ideal for high-frequency applications. * **Non-Inductive Construction:** The way the internal layers are wound minimizes internal inductance. ---
    ✨ Follow-up Questions
    • ⤷What are the specific dimensions of the JFX1-20-R capacitor?
    • ⤷ Is the JFX1-20-R suitable for high-frequency pulse applications?
    • ⤷ How does a polypropylene film capacitor compare to an electrolytic capacitor?