Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JFX1-3G-R

  • AI
    The **JFX1-3G-R** is a specific electronic component within the category of **High-Frequency/RF Inductors** or **Chip Inductors**, commonly utilized in telecommunications and high-speed signal processing. --- ### 1. Key Technical Specifications Based on the standard nomenclature for the JFX series, here are the primary technical parameters: | Parameter | Specification | | :--- | :--- | | **Inductance Value** | Typically 3.0 nH (indicated by the '3G' code) | | **Tolerance** | ±0.3nH or ±5% (Series dependent) | | **Package Size** | 0402 or 0603 SMD (Surface Mount Device) | | **Material** | Ceramic Core / Wire-wound | | **Operating Temperature** | -40°C to +125°C | | **RoHS Compliance** | Yes (Lead-Free) | --- ### 2. Component Composition The "electronic parts" or internal structure of this component include: * **Ceramic Body:** Provides high structural integrity and a low dielectric constant, which is essential for maintaining a high **Q-factor** (Quality Factor) at high frequencies. * **Winding Wire:** Microscopic copper wiring wound around the core to generate the inductive property. * **Termination Electrodes:** Silver or copper bases plated with Nickel and Tin to ensure excellent solderability on Printed Circuit Boards (PCBs). * **Encapsulation:** A protective resin coating that shields the wire from physical damage and oxidation. --- ### 3. Application Areas Because of its low inductance and high precision, the JFX1-3G-R is used in: 1. **Impedance Matching:** Used in RF front-end circuits to match the impedance between the antenna and the transceiver. 2. **Signal Filtering:** Part of Low-Pass or Band-Pass filters to remove noise from high-frequency signals. 3. **VCO Circuits:** Voltage-Controlled Oscillators in mobile phones and Wi-Fi modules. 4. **Resonance:** Creating LC circuits for specific frequency tuning. --- ### 4. Part Number Breakdown (General Identification) Typically, the code is structured as follows: * **JFX:** Series Identifier (High-Frequency Inductor). * **1:** Size code (e.g., 0402). * **3G:** Inductance value (3.0 Nanohenries). * **R:** Packaging type (Tape and Reel).
    ✨ Follow-up Questions
    • ⤷ What is the Self-Resonant Frequency (SRF) of the JFX1-3G-R?
    • ⤷ Can this part be used in automotive-grade applications?
    • ⤷ How does the Q-factor of this ceramic inductor compare to ferrite-core types?