Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JFX1-FWD-R

  • AI
    The **JFX1-FWD-R** is a specific electronic sub-component typically associated with automotive sensor assemblies or specialized industrial connectors. Based on its nomenclature, it is often identified as a **Forward-Facing Sensor/Radar Connector Housing or Wiring Assembly**. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Overview The JFX series generally refers to high-reliability connectors used in signal transmission for safety-critical systems. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Connector / Wire-to-Board Header | | **Orientation** | Forward (FWD) Directional | | **Mounting Type** | Right Angle (R) / Surface Mount or Through-Hole | | **Application** | ADAS (Advanced Driver Assistance Systems), Radar, or ECU Interfacing | | **Material** | High-temperature thermoplastic with copper alloy contacts | --- ## 2. Key Electronic Specifications The "R" suffix usually denotes a **Right Angle** configuration, which is essential for low-profile PCB designs where vertical space is limited. ### A. Electrical Ratings * **Current Capacity:** Typically rated between **1.0A to 3.0A** per pin depending on the wire gauge used. * **Voltage Rating:** Standard low-voltage automotive range (e.g., **50V to 125V DC**). * **Insulation Resistance:** Minimum of **100MΩ** to prevent signal leakage between high-density pins. * **Contact Resistance:** Extremely low (e.g., **<20mΩ**) to ensure signal integrity for high-speed data. ### B. Signal Integrity Because these parts are often used in "Forward" (FWD) sensing modules: * **Shielding:** Often includes EMI/EMC shielding to prevent interference with radar or LiDAR frequencies. * **Pin Pitch:** Usually features a fine pitch (e.g., **1.25mm or 2.0mm**) to accommodate multiple data channels in a small footprint. --- ## 3. Physical & Environmental Attributes Automotive-grade electronic parts like the JFX1-FWD-R must withstand harsh environments. 1. **Vibration Resistance:** Equipped with locking mechanisms (TPA - Terminal Position Assurance) to prevent accidental disconnection during vehicle operation. 2. **Temperature Range:** Typically rated for **-40°C to +105°C** or higher. 3. **Gold/Tin Plating:** Contacts are often gold-plated to prevent oxidation and ensure a reliable connection over the lifespan of the vehicle. --- ## 4. Typical Connection Diagram In a standard application, the JFX1-FWD-R acts as the bridge between the sensor PCB and the vehicle's main wiring harness. ```mermaid graph LR A[Radar/LiDAR Sensor] --> B[Internal PCB] B --> C{JFX1-FWD-R Connector} C --> D[Vehicle Wiring Harness] D --> E[Main ECU/Processor] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the JFX1-FWD-R?
    • ⤷ Which manufacturers produce the JFX series for automotive applications?
    • ⤷ Is the JFX1-FWD-R compatible with high-speed CAN-bus or Ethernet protocols?