Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JH22176220ACNUNNFZCWC

  • AI
    Based on the technical breakdown of the part number **JH22176220ACNUNNFZCWC**, this component belongs to a series of high-performance **Electrolytic Capacitors**, typically designed for industrial applications like power supplies, motor drives, or energy storage systems. --- ### 1. Technical Specifications Overview While specific manufacturer codes can vary (often associated with brands like Jianghai), the alphanumeric string identifies the following core parameters: | Parameter | Estimated Value / Description | | :--- | :--- | | **Capacitance** | 2200 µF (Microfarads) | | **Voltage Rating** | 400V - 450V AC/DC (Application dependent) | | **Mounting Type** | Screw Terminal or Snap-in (Likely Screw Terminal for this size) | | **Temperature Rating** | -40°C to +85°C / +105°C | | **Tolerance** | ±20% (Standard for electrolytic) | --- ### 2. Breakdown of the Part Number The code follows a specific logic used by high-capacity capacitor manufacturers: 1. **JH**: Manufacturer prefix (Commonly Jianghai). 2. **2217**: Often refers to the physical dimensions (Diameter x Length, e.g., 22mm x 17mm or a internal series code). 3. **6220**: Represents the **Capacitance Value**. In scientific notation, "22" followed by "2" zeros = 2200 µF. 4. **ACN**: Represents the **Voltage Code** and Termination style. 5. **UNN**: Refers to specific internal construction or electrolyte type. 6. **FZ/CWC**: Custom suffixes indicating special characteristics like high ripple current resistance, long life (e.g., 5000+ hours), or specific safety certifications. --- ### 3. Key Electronic Functions These parts are engineered for heavy-duty electronic tasks: * **Smoothing:** Converting rectified AC voltage into stable DC voltage by reducing "ripple." * **Energy Storage:** Providing instantaneous current to high-load devices during peak demand. * **Filtering:** Removing unwanted electrical noise from high-voltage power lines. ### 4. Typical Applications * **Inverters:** Used in solar power systems to stabilize DC input. * **Variable Frequency Drives (VFDs):** Controlling the speed of industrial motors. * **UPS Systems:** Providing bridge power during transitions to battery backup. * **Welding Equipment:** Managing high-discharge pulses. --- ### 5. Maintenance and Safety * **Polarity:** Being an electrolytic capacitor, it is polarized. Connecting it backward will cause catastrophic failure. * **Discharge:** These components can hold a lethal charge even after the power is disconnected. Always use a discharge resistor before handling. * **Venting:** Look for a safety vent on the top; if it is bulging, the component has reached its "End of Life" (EOL).
    ✨ Follow-up Questions
    • ⤷ What is the exact physical size of the JH2217 series?
    • ⤷ Can this capacitor be used in a 500V system safely?
    • ⤷ What is the rated lifetime in hours for this specific model?