Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JH24240320CCNUWNFZCWC

  • AI
    The part number **JH24240320CCNUWNFZCWC** refers to a specific **TFT LCD Display Module**. Based on the naming conventions used by industrial display manufacturers (often associated with Jinghong or similar Chinese display technology firms), we can break down the technical specifications. --- ## Technical Specifications Breakdown The alphanumeric code provides details regarding resolution, interface, and panel type: | Feature | Specification | Description | | :--- | :--- | :--- | | **Model Type** | TFT LCD | Thin Film Transistor liquid crystal display. | | **Resolution** | 240 x 320 Pixels | QVGA resolution, typically in a 2.4-inch portrait orientation. | | **Interface** | SPI / MCU | Usually supports 3/4-wire SPI or 8/16-bit parallel interface. | | **Display Mode** | Transmissive | Requires a backlight to be visible; high brightness. | | **View Direction** | All View (IPS) | Often "UW" indicates Ultra-Wide viewing angles (IPS technology). | | **Touch Panel** | Non-Touch / Capacitive | Depending on the suffix "CWC," it may include a Capacitive Touch Panel (CTP). | --- ## Key Components of the Module ### 1. The LCD Driver IC This module typically utilizes a common driver such as the **ST7789V** or **ILI9341**. This chip translates digital data from your microcontroller (like Arduino, ESP32, or STM32) into the voltages required to activate the liquid crystals. ### 2. Backlight Unit (BLU) * **LEDs:** Usually consists of 4 to 6 white LEDs connected in parallel or series. * **Brightness:** Standard modules offer between 250 to 400 cd/m². ### 3. FPC (Flexible Printed Circuit) The "tail" of the display that connects to your PCB. It contains the data lines, power lines (VCC/IOVCC), and the backlight power (LEDK/LEDA). --- ## Pinout Overview (Typical 240x320 SPI) While the exact pinout depends on the physical FPC design, these are the standard signals involved: | Pin Name | Function | | :--- | :--- | | **VCC/VDD** | Power Supply (Typically 2.8V - 3.3V) | | **GND** | Ground | | **CS** | Chip Select | | **RESET** | Hardware Reset | | **DC/RS** | Data/Command Selection | | **SDI/SDA** | Serial Data Input | | **SCK** | Serial Clock | | **LED A/K** | Backlight Anode (+) / Cathode (-) | --- ## Usage Considerations * **Voltage Logic:** Most of these displays operate at **3.3V**. Connecting them directly to a 5V logic source (like an Arduino Uno) without a level shifter can damage the Driver IC. * **Initialization:** To use this display, you will need an initialization code ("Init Code") specific to the controller (e.g., ST7789V) to set the gamma, frame rate, and power constants. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific Driver IC for this display model?
    • ⤷ Can this display be used with a 5V microcontroller like an Arduino Uno?
    • ⤷ What are the dimensions and active area of this 240x320 module?