Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JH26240320CCNUMNFZCWC

  • AI
    Based on the alphanumeric structure provided (**JH26240320CCNUMNFZCWC**), this appears to be a specific manufacturer part number or a serialized identification code often associated with **LCD Display Modules** or **TFT Panels** (commonly sourced from manufacturers like JHD or similar industrial display providers). Below is a breakdown of the electronic components and technical specifications typically represented by this type of coding. --- ## 1. Component Identification This part number typically refers to a **2.4-inch TFT LCD Display Module**. These components are widely used in handheld devices, medical equipment, and industrial control panels. ### Technical Specifications Table | Feature | Typical Specification | | :--- | :--- | | **Display Type** | TFT LCD (Thin Film Transistor) | | **Size** | 2.4-inch Diagonal | | **Resolution** | 240 x 320 Pixels (QVGA) | | **Interface** | SPI (4-wire) or Parallel (8/16-bit) | | **Color Depth** | 65K / 262K Colors | | **Driver IC** | Often ST7789V or ILI9341 | | **Backlight** | White LED (typically 4 LEDs in parallel) | --- ## 2. Structural Breakdown of the Part Number While specific codes are proprietary to the manufacturer, the string can be decoded based on standard industry naming conventions: * **JH / JHD**: The Manufacturer prefix (e.g., JingHao or Shenzhen-based display houses). * **240320**: Represents the **Resolution** (240 pixels wide by 320 pixels high). * **CC**: Often denotes the **Connector Type** (e.g., FPC - Flexible Printed Circuit). * **NUM/NF**: Usually refers to the **Touch Panel** status (Non-Touch vs. Capacitive/Resistive). "NF" often implies "No Film" or "No Touch." * **ZCWC**: Likely refers to the production batch, backlight brightness level, or specific polarizer type (e.g., Wide Temperature range). --- ## 3. Key Electronic Sub-systems A module of this type consists of four primary electronic layers: 1. **The Glass Substrate**: Contains the liquid crystal cells and the TFT matrix that acts as a series of switches for each pixel. 2. **The Driver IC (Integrated Circuit)**: The "brain" of the display that translates data from your microcontroller (like an Arduino or ESP32) into voltages for the pixels. 3. **FPC (Flexible Printed Circuit)**: The orange ribbon cable containing the pins for Power (VCC), Ground (GND), Data lines, and Backlight control. 4. **Backlight Unit (BLU)**: A plastic light guide powered by LEDs to illuminate the screen from behind. --- ## 4. Typical Pinout Configuration *Note: Refer to the specific datasheet for your revision, but most follow this logic:* ```markdown 1. GND - Power Ground 2. VCC - Power Supply (Usually 2.8V - 3.3V) 3. CS - Chip Select 4. RESET - Hardware Reset 5. DC/RS - Data/Command Selection 6. SDI - Serial Data Input 7. SCK - Serial Clock 8. LEDA - Backlight Anode (+) 9. LEDK - Backlight Cathode (-) ```
    ✨ Follow-up Questions
    • ⤷ Does this specific part number include a capacitive touch screen (CTP)?
    • ⤷ What is the recommended operating voltage for the logic and the backlight?
    • ⤷ Which driver IC is compatible with the JH26240320 series for programming?