Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JH28240320DFCNUMNTZCWC

  • AI
    The part number **JH28240320DFCNUMNTZCWC** corresponds to a specific **TFT LCD Display Module**. Based on the naming convention typically used by industrial display manufacturers, here is a detailed breakdown of its electronic components and specifications. --- ### 1. Specification Overview This module is a high-resolution small-form-factor display commonly used in handheld devices, medical instruments, or industrial controllers. | Feature | Description | | :--- | :--- | | **Display Type** | TFT LCD (Thin Film Transistor) | | **Screen Size** | 2.8 Inches (Diagonal) | | **Resolution** | 240 x 320 Pixels (QVGA) | | **Interface** | MCU/SPI/RGB (Variable based on controller) | | **Backlight** | White LED (Typically 4-6 LEDs in parallel/series) | | **Touch Panel** | Capacitive or Resistive (Depending on the "CWC" suffix) | --- ### 2. Electronic Component Breakdown #### A. The LCD Controller/Driver (IC) At the heart of this module is a driver IC (commonly the **ILI9341** or **ST7789V**). - **Function:** It converts digital data from your microcontroller (like an Arduino, ESP32, or STM32) into voltages that twist the liquid crystals. - **VCC/IOVCC:** Usually operates at 2.8V to 3.3V logic levels. #### B. The Flexible Printed Circuit (FPC) The "tail" of the display contains the wiring. - **Data Pins:** 8/16-bit parallel lines or 3/4-wire SPI pins. - **Control Pins:** CS (Chip Select), RS/DC (Data/Command), WR (Write), RD (Read), and RESET. #### C. Backlight Circuit - **Anode (LED+ / K):** Requires a constant current source. - **Voltage:** Typically requires ~3.2V per LED. If wired in series, the voltage requirement increases; if parallel, the current requirement increases. #### D. Capacitive Touch Component (CTP) The "CWC" suffix often indicates a **Capacitive Touch** integration. - **IC:** Usually a FocalTech or Goodix touch controller. - **Interface:** Communicates via **I2C** (SDA/SCL pins). --- ### 3. Pinout Logic (Typical) | Pin Type | Name | Description | | :--- | :--- | :--- | | **Power** | VDD / VCC | Power supply for the analog/digital circuits. | | **Ground** | GND | Common ground reference. | | **Interface** | D0-D15 | Data bus for parallel communication. | | **Backlight** | LEDK / LEDA | Cathode and Anode for the LED backlight. | | **Touch** | SCL / SDA | I2C clock and data for the touch sensor. | --- ### 4. Integration Considerations * **Level Shifting:** If using a 5V microcontroller (like an Arduino Uno), you **must** use a level shifter, as this display operates on 3.3V logic. * **Initialization:** You will need a specific "init code" (a sequence of hex commands) provided by the manufacturer to wake the display and set the correct gamma and orientation settings. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout for the JH28240320 series?
    • ⤷ Which driver IC library (e.g.
    • ⤷ Adafruit_GFX
    • ⤷ LVGL) is compatible with this display?
    • ⤷ How much current does the backlight typically draw at maximum brightness?