Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JH32240400ECNLNNTHCWC

  • AI
    Based on the part number **JH32240400ECNLNNTHCWC**, this is a specific alphanumeric code typically associated with **TFT LCD Display Modules**. While specific manufacturers (like JHD or similar specialized display vendors) use these proprietary strings, we can decode the electronic characteristics based on standard industry nomenclature for display components. --- ## 🛑 Component Overview: TFT LCD Module This part represents a small-to-medium-sized liquid crystal display, likely used in industrial interfaces, medical devices, or handheld terminals. ### 🛠 Technical Specifications Breakdown | Feature | Specification | Description | | :--- | :--- | :--- | | **Resolution** | 320 x 240 | Standard QVGA resolution. | | **Display Type** | TFT LCD | Thin Film Transistor (Active Matrix) for better color and refresh rates. | | **Size Class** | ~3.5 to 4.0 Inch | Common for the 320x240 resolution class. | | **Backlight** | LED | White LED backlight (typically 6-10 LEDs). | | **Interface** | RGB / MCU | Usually supports 16/18/24-bit Parallel RGB interface. | | **Touch Panel** | Capacitive (CTP) | The "CW" suffix often denotes Capacitive Window/Touch. | --- ### 🔍 Detailed Electronic Parts Analysis #### 1. The Controller/Driver IC Internally, this module contains a COG (Chip-on-Glass) driver. Common drivers for this resolution include: * **ILI9341** or **ST7789V**: These handle the voltage gates for the liquid crystals and the frame buffer. #### 2. The Capacitive Touch Layer (CTP) The "THCWC" portion of the code suggests a specialized touch interface: * **Controller:** Often an I2C-based chip (like the FocalTech series). * **Cover Lens:** Likely features a G+G (Glass + Glass) or G+F construction for durability. #### 3. Flex Rigid Connection (FPC) The electronics interface via a Flexible Printed Circuit. * **Pin Count:** Usually 40 to 50 pins. * **Power Supply:** Logic voltage ($V_{DD}$) is typically 2.8V to 3.3V, while the backlight requires a constant current source ($V_{LED}$) around 15V-20V. --- ### 📋 Pinout Characteristics (Typical) | Pin Category | Function | | :--- | :--- | | **Power** | VDD, VCI (Logic); VSS (Ground) | | **Data** | DB0 - DB17 (Parallel Data Bus) | | **Control** | CS (Chip Select), RS (Register Select), WR (Write), RD (Read) | | **Backlight** | LEDK (Cathode), LEDA (Anode) | | **Touch (I2C)** | SDA, SCL, INT, RESET | --- ### ⚠️ Integration Notes * **Backlight Driving:** Do not connect the backlight directly to a voltage source; it requires a current-limited LED driver to prevent burnout. * **Signal Level:** Ensure your microcontroller (e.g., ESP32, STM32) matches the 3.3V logic level, as 5V signals will damage the display driver.
    ✨ Follow-up Questions
    • ⤷ What is the exact physical dimension of the JH32240400ECNLNNTHCWC module?
    • ⤷ Which driver IC is used for the capacitive touch interface on this model?
    • ⤷ Can this display be interfaced with an Arduino or Raspberry Pi?