Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • JH35320480ACNUMNTHCWC

  • AI
    The part number **JH35320480ACNUMNTHCWC** refers to a high-resolution, small-form-factor **TFT Liquid Crystal Display (LCD)** module. These modules are commonly used in industrial handhelds, smart home controllers, or medical devices. --- ### 1. Specification Overview Based on the standard nomenclature for industrial display modules, here is a breakdown of the technical characteristics: | Feature | Specification Details | | :--- | :--- | | **Display Size** | 3.5 Inch (Diagonal) | | **Resolution** | 320 x 480 pixels (HVGA) | | **Display Type** | TFT LCD / IPS (In-Plane Switching) | | **Interface** | Typically MCU 8/16-bit or SPI + RGB | | **Backlight** | White LED (High Brightness) | | **Touch Panel** | Capacitive Touch (indicated by "CWC" suffix) | --- ### 2. Key Electronic Components The module is an integrated assembly consisting of several sub-components: #### A. The LCD Controller/Driver (IC) The internal glass is driven by a specialized IC (often an **ILI9488** or similar). This chip handles: * **Voltage Regulation:** Converting logic power to the high voltages required to twist liquid crystals. * **Gram (Graphic RAM):** Storing pixel data to reduce the load on the host microcontroller. #### B. Capacitive Touch Controller The "CWC" designation usually implies a **Capacitive Window Control**. * **Sensor:** A glass-on-glass (GG) or glass-on-film (GFF) structure. * **Controller IC:** Usually a FocalTech or Goodix chip (e.g., FT6336) communicating via **I2C interface**. #### C. Backlight Circuit * Consists of multiple white LEDs arranged in series or parallel. * Requires a **Constant Current LED Driver** on the mainboard to prevent flickering and ensure longevity. --- ### 3. Pinout and Connectivity This module typically utilizes a **Flexible Printed Circuit (FPC)** connector. The pin groups are categorized as follows: 1. **Power Pins:** VDD (Digital Power), VCI (Analog Power), and GND. 2. **Data Bus:** DB0–DB15 (for parallel communication). 3. **Control Pins:** CS (Chip Select), RS/DC (Register Select), WR (Write), RD (Read). 4. **Touch Interface:** SCL, SDA, INT, and RST (I2C protocol). 5. **Backlight Pins:** LED-A (Anode) and LED-K (Cathode). --- ### 4. Integration Requirements To use this part in an electronic design, you will need: * **Level Shifters:** If your MCU operates at 5V, as most TFT controllers require 3.3V logic. * **PWM Signal:** To control the brightness of the backlight via the "Enable" pin of your LED driver.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout for the FPC connector on this model?
    • ⤷ Which specific driver IC does this display use for the 320x480 resolution?
    • ⤷ Can this display be interfaced directly with an ESP32 or Arduino?